| Zakładka z wyszukiwarką danych komponentów |
|
STUSB4500LBJR Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4500LBJR Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 31 page ![]() 7.2 Operating conditions Table 15. Operating conditions Symbol Parameter Value Unit VDD Supply voltage on VDD pin 3.3 to 6 V VSYS Supply voltage on VSYS pin 3.0 to 5.5 VCC1, VCC2 VCC1DB, VCC2DB CC pins 0 to 5.5 VVBUS_EN_SNK VVBUS_VS_DISCH VDISCH VRP_3A High voltage pins 0 to 22 VSCL, VSDA VALERT VRESET VATTACH VA_B_SIDE VRP_1A5 VGPIO VADDR0, VADDR1 Operating voltage on I/O pins 0 to 4.5 TA Operating temperature -40 to 105 °C STUSB4500L Operating conditions DS13102 - Rev 1 page 18/31 |