| Zakładka z wyszukiwarką danych komponentów |
|
CY8CKIT-059 Arkusz danych(PDF) 18 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 Arkusz danych(HTML) 18 Page - Cypress Semiconductor |
|
18 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 18 Kit Operation 2. Open the desired project in PSoC Creator by selecting File > Open > Project/Workspace. This provides the option to browse to and open a previously saved project. If you want to open one of the code examples provided with the kit, follow the instructions in the Code Examples chapter on page 31. 3. Select the option Build > Build Project or press [Shift] [F6] to build the project as shown in Figure 3-3. Figure 3-3. Build a Code Example 4. If there are no errors during build, program the firmware into the kit by choosing Debug > Program or press [Ctrl] [F5], as shown in Figure 3-4. This programs the target PSoC 5LP device on the PSoC 5LP Prototyping Kit, and the kit is ready to use. Figure 3-4. Programming Device From PSoC Creator |