| Zakładka z wyszukiwarką danych komponentów |
|
RWZ Arkusz danych(PDF) 2 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
RWZ Arkusz danych(HTML) 2 Page - JST Mfg. Co., Ltd. |
|
2 / 3 page ![]() Note: Contact JST for fully automatic crimping applicator. 2 RWZ CONNECTOR (Power supply system structure reinforced type) Panel layout and Assembly layout 13.4 5.2 23.6 9 21.4 5.2 Model No. mm2 AWG # SRWF-01GG-M0.6 SRWF-21GG-M0.6 SRWF-61GG-M0.6 24∼20 24∼18 18∼14 0.2∼0.5 0.2∼0.75 0.75∼2.0 Material and Finish Applicable wire Insulation O.D. (mm) Q’ty/ reel 1.4∼1.9 1.4∼3.1 2.0∼3.6 4,000 3,000 3,000 Copper alloy, nickel-undercoated, Contacting part; gold-plated Crimping part; tin-plated (reflow treatment) RoHS2 compliance This product displays (LF)(SN) on a label. Plug contact for power supply circuit 42 ±0.1 42 ±0.1 R1max 2-M4 25.5min 2-M4 R1max Panel Panel 27.5min (52) (22) Connector outline (Center) Connector outline Assembly layout Panel layout for Plug Panel layout for Receptacle Note: 1. The above figure is the figure viewed from the connector mounting side. 2. Punch holes in the panel according to the figures shown above. Burrs must be removed. 3. The strength of the panel must be considered when punching two or more holes. Model No. mm2 AWG # SRWM-01GG-S0.6 SRWM-21GG-S0.6 SRWM-61GG-S0.6 24∼20 24∼18 18∼14 0.2∼0.5 0.2∼0.75 0.75∼2.0 Material and Finish Applicable wire Insulation O.D. (mm) Q’ty/ reel 1.4∼1.9 1.4∼3.1 2.0∼3.6 4,000 3,000 3,000 Copper alloy, nickel-undercoated, Contacting part; gold-plated Crimping part; tin-plated (reflow treatment) SRWM-01GG-M0.6 SRWM-21GG-M0.6 SRWM-61GG-M0.6 Contact Crimping machine Crimp applicator with dies AP-K2N MK/SRPF/M-01-06 − MK/SRPF/M-21-06 − MK/SRPF/M-61-06 − Crimp applicator Dies MKS-L − MKS-L − MKS-L − APLMK SRPF/M01-06 − APLMK SRPF/M21-06 − APLMK SRPF/M61-06 − Applicator SRWF-01GG-M0.6 SRWF-21GG-M0.6 SRWF-61GG-M0.6 Contact Crimping machine Crimp applicator with dies AP-K2N MK/SRPF/M-01-06 − MK/SRPF/M-21-06 − MK/SRPF/M-61-06 − Crimp applicator Dies MKS-L − MKS-L − MKS-L − APLMK SRPF/M01-06 − APLMK SRPF/M21-06 − APLMK SRPF/M61-06 − Applicator Riceptacle contact for power supply circuit RoHS2 compliance This product displays (LF)(SN) on a label. Note: Contact JST for fully automatic crimping applicator. |