| Zakładka z wyszukiwarką danych komponentów |
|
SWT6-R6GTR Arkusz danych(PDF) 2 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
SWT6-R6GTR Arkusz danych(HTML) 2 Page - TT Electronics. |
|
2 / 5 page ![]() Model SWT6 BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345 Website: www.bitechnologies.com July 30, 2008 page 2 of 5 BI technologies ORDERING INFORMATION SWT6 - M 2 Y TR Model Series Style R – Side Actuation V – Top Actuation E – Top Actuation with Ground M – SMD Top Actuation Stem Height (Styles Available) 1 – 3.85 mm (R) 2 – 4.3 mm (V, E, M) 3 – 5.0 mm (V, E, M) 4 – 5.85 mm (R) 5 – 7.0 mm (V, E, M) 6 – 8.35 mm (R) 7 – 9.5 mm (V, E) 8 – 13mm (V) Packaging Blank – Bulk Style R – 1000 pcs Style V & E – 2000 pcs AP – Ammo Pack Style V – 1000 pcs Style E – 800 pcs TR – Tape & Reel Style M, Stem Heights 2 & 3 – 1000 pcs Style M, Stem Height 5 – 750 pcs Color / Force Styles R, V, E Style V 13mm height only K – Black, 100 gf K – Black, 100 gf M – Gray, 160 gf N – Brown, 160 gf R – Red, 260 gf R – Red, 260 gf Style M Y – Yellow, 100 gf G – Green, 160 gf B – Blue, 260 gf |