Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDZ5.1F Arkusz danych(PDF) 4 Page - First Silicon Co., Ltd

Numer części FDZ5.1F
Szczegółowy opis  Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FS [First Silicon Co., Ltd]
Strona internetowa  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ5.1F Arkusz danych(HTML) 4 Page - First Silicon Co., Ltd

  FDZ5.1F Datasheet HTML 1Page - First Silicon Co., Ltd FDZ5.1F Datasheet HTML 2Page - First Silicon Co., Ltd FDZ5.1F Datasheet HTML 3Page - First Silicon Co., Ltd FDZ5.1F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2017. 7. 15
4/4
Revision No : 0
FDZ2.4F~FDZ24F
PACKAGE DIMENSIONS
SOD
−923
0.40
0.30
0.90
DIMENSIONS: MILLIMETERS
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.34
0.37
0.40
b
0.15
0.20
0.25
c
0.07
0.12
0.17
D
0.75
0.80
0.85
E
0.55
0.60
0.65
0.95
1.00
1.05
L
0.05
0.10
0.15
HE
0.013
0.015
0.016
0.006
0.008
0.010
0.003
0.005
0.007
0.030
0.031
0.033
0.022
0.024
0.026
0.037
0.039
0.041
0.002
0.004
0.006
MIN
NOM
MAX
INCHES
D
E
b
c
A
L
2X
−Y−
−X−
0.08 (0.0032)
X Y
HE
2
1



Html Pages

1 2 3 4