| Zakładka z wyszukiwarką danych komponentów |
|
ABV2017SC Arkusz danych(PDF) 7 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ABV2017SC Arkusz danych(HTML) 7 Page - Abracon Corporation |
|
7 / 7 page ![]() ABV2017/18/19 Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal) 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 7 ORDERING INFORMATION Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: Abracon’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of Abracon Corporation. For part ordering, please contact our Sales Department: 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range ABV201x O C Order Number Marking Package Option ABV2017OC ABV2017OC TSSOP – Tube ABV2017OC-T ABV2017OC TSSOP – Tape & Reel ABV2017SC ABV2017SC SOIC – Tube ABV2017SC-T ABV2017SC SOIC – Tape & Reel ABV2018OC ABV2018OC TSSOP – Tube ABV2018OC-T ABV2018OC TSSOP – Tape & Reel ABV2018SC ABV2018SC SOIC – Tube ABV2018SC-T ABV2018SC SOIC – Tape & Reel ABV2019OC ABV2019OC TSSOP – Tube ABV2019OC-T ABV2019OC TSSOP – Tape & Reel ABV2019SC ABV2019SC SOIC – Tube ABV2019SC-T ABV2019SC SOIC – Tape & Reel PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE O=TSSOP S=SOIC |