Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMD230 Arkusz danych(PDF) 2 Page - Custom MMIC Design Services, Inc.

Numer części CMD230
Szczegółowy opis  DC-26 GHz SPDT Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MMIC [Custom MMIC Design Services, Inc.]
Strona internetowa  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD230 Arkusz danych(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD230 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD230 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD230
CMD230
CMD230
DC-26 GHz SPDT Switch
Specifications
Absolute Maximum Ratings
Control Voltages
Parameter
Rating
RF Input Power
+30 dBm
Control Voltage Range (A,B) +0.5V to -7.5V
Channel Temperature, Tch
150 °C
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical Specifications - Vctl = 0/-5 V, TA = 25
oC
State
Bias Condition
Low
0 to -0.5V @ 0.01 uA Typ
High
-2V @ 0.1 uA Typ to -7V @ 20 uA Typ
Truth Table
Control Input
A
B
RFC to RF1
RFC to RF2
High
Low
On
Off
Low
High
Off
On
Signal Path State
ver 1.1 0616
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max Units
Frequency Range
DC - 8
DC - 18
DC - 26
GHz
Insertion Loss
1.1
1.5
1.7
2.1
2.4
2.8
dB
Isolation
39
44
32
37
27
32
dB
Return Loss - RFC
18
13
11
dB
Return Loss - RF1, 2 - On State
21
17
12
dB
Input P0.1dB
23
21
21
dBm
Input IP3
38
37
35
dBm
Switching Speed
3.4
3.4
3.4
ns



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com