Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDB8421 Arkusz danych(PDF) 2 Page - Cirrus Logic

Numer części CDB8421
Szczegółowy opis  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8421 Arkusz danych(HTML) 2 Page - Cirrus Logic

  CDB8421 Datasheet HTML 1Page - Cirrus Logic CDB8421 Datasheet HTML 2Page - Cirrus Logic CDB8421 Datasheet HTML 3Page - Cirrus Logic CDB8421 Datasheet HTML 4Page - Cirrus Logic CDB8421 Datasheet HTML 5Page - Cirrus Logic CDB8421 Datasheet HTML 6Page - Cirrus Logic CDB8421 Datasheet HTML 7Page - Cirrus Logic CDB8421 Datasheet HTML 8Page - Cirrus Logic CDB8421 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CS8421
2
DS641PP1
General Description
The CS8421 is a 32-bit, high performance, monolithic CMOS stereo asynchronous sample rate converter.
Digital audio inputs and outputs can be 32, 24, 20, or 16-bits. Input and output data can be completely
asynchronous, synchronous to an external data clock, or the part can operate without any external clock
by using an integrated oscillator.
Audio data is input and output through configurable 3-wire input/output ports. The CS8421 does not re-
quire any software control via a control port.
Target applications include digital recording systems (DVD-R/RW, CD-R/RW, PVR, DAT, MD, and VTR),
digital mixing consoles, high quality D/A, effects processors, computer audio systems, and automotive au-
dio systems.
The part is available in space saving 20-pin TSSOP and QFN packages and supports sample rates up to
211 kHz.
ORDERING INFORMATION
Product
Description
Package Pb-Free Temp Range
Container
Order#
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-10° to +70°C
Rail
CS8421-CZZ
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-10° to +70°C Tape and Reel
CS8421-CZZR
CS8421 32-bit Asynchronous Sample Rate Converter
QFN
YES
-10° to +70°C
Rail
CS8421-CNZ
CS8421 32-bit Asynchronous Sample Rate Converter
QFN
YES
-10° to +70°C Tape and Reel CS8421-CNZR
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-40° to +85°C
Rail
CS8421-DZZ
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-40° to +85°C Tape and Reel
CS8421-DZZR
CDB8421 Evaluation Board for CS8421
-
-
-
-
CDB8421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36