| Zakładka z wyszukiwarką danych komponentów |
|
DSC6331CE2IA-T Arkusz danych(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC6331CE2IA-T Arkusz danych(HTML) 4 Page - Microchip Technology |
|
4 / 28 page ![]() DSC63XX DS20005808A-page 4 2017 Microchip Technology Inc. Output Transition Time Rise Time/Fall Time tRX/tFX —1 1.5 ns DSC63x2 High Drive, 20% to 80% CL = 15 pF VDD = 1.8V —0.5 1.0 ns VDD = 2.5V/3.3V tRY/tFY —1.2 2.0 ns DSC63x1 Std Drive, 20% to 80% CL = 10 pF VDD = 1.8V —1 1.6 ns VDD = 2.5V/3.3V Frequency f0 1— 100 MHz — Output Duty Cycle SYM 45 — 55 % — Period Jitter, RMS JPER —14 — psRMS FOUT = 27 MHz VDD = 1.8V —11 — VDD = 2.5V/3.3V Cycle-to-Cycle Jitter (peak) JCy–Cy —75 — ps FOUT = 27 MHz VDD = 1.8V —53 — VDD = 2.5V/3.3V Spread Spectrum Modulation Frequency fSS —33 — kHz — Spread Spectrum Modulation and Type — — ±0.25 — % Center Spread —±0.5 — —±1 — —±1.5 — —±2 — —±2.5 — — –0.25 — % Down Spread —–0.5 — —–1 — —–1.5 — —–2 — —–3 — DSC63XX ELECTRICAL CHARACTERISTICS (CONTINUED) Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V –5% to 3.3V +10%, TA = –40°C to 85°C. Parameters Sym. Min. Typ. Max. Units Conditions Note 1: Pin 4 VDD should be filtered with 0.1 µf capacitor. 2: Not including current through pull-up resistor on EN pin (if configured). Higher standby current seen at >3.3V VDD. 3: Includes frequency variations due to initial tolerance, temperature, and power supply voltage. 4: Input waveform must be monotonic with rise/fall time < 10 ms 5: Output Disable time takes up to one period of the output waveform + 200 ns. 6: For parts configured with OE, not Standby. 7: Output is enabled if pad is floated or not connected. 8: Time to reach 90% of target VDD. Power ramp rise must be monotonic. |