| Zakładka z wyszukiwarką danych komponentów |
|
L9474 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9474 Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 8 page ![]() L9474 4/8 Figure 5. Setpoint Voltage vs. L terminal signal Table 6. Diagnostic (Tj -35°C to +150°C unless otherwise specified) Note: 4. When the Vgo voltage overcomes this value the MFDC is cancelled Table 7. FAULT The following table lists the conditions that cause the fault driver to function (L terminal now switching be-tween 0V and VLSAT. To prevent L flicker, specific faults are required to be present for TDELAY seconds be-fore the fault driver is activated. This delay is indicated in the table. Symbol Parameter Test Condition Min. Typ. Max. Unit VOV Overvoltage4 16.5 22 V VLSAT L Saturation Voltage IL = 50 mA 1.35 V TDELAY Fault Indication Delay Time 0.935 1.1 1.265 s Conditions Delay 1. Key-on (RVC PWM signal acknowledgement) No 2. Phase Voltage < VP2 AND VGO < setpoint Yes |