| Zakładka z wyszukiwarką danych komponentów |
|
EM78P451SWM Arkusz danych(PDF) 31 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P451SWM Arkusz danych(HTML) 31 Page - ELAN Microelectronics Corp |
|
31 / 54 page ![]() EM78P451S 8-Bit Microcontroller with OTP ROM Product Specification (V1.0) 06.01.2004 • 27 (This specification is subject to change without further notice) For Slaver ORG 0X0 INITI: JMP INIT ORG 0X2 INTERRUPT: ;Interrupt address MOV A,@0X55 MOV 0X06,A ;Show a signal at Port 6 when entering interrupt MOV A,@0B11100110 ;Enable SPI, /SS disabled MOV 0X0D,A BS 0X0D,4 ;Keep SSE at 1 to wait for SCK signal in order to shift data MOV A,@0X00 ;Move 00 to write buffer in order to keep master’s read buffer as 00 MOV 0X0B,A BS 0X0D,4 ;Keep SSE at 1 to wait for SCK signal in order to shift data NOP JBC 0X0D,4 ;Polling loop for checking SPI transmission completed JMP $-2 BS 0X0D,4 ;Keep SSE at 1 to wait for SCK signal in order to shift data BC 0X03,2 MOV A,0X0A MOV 0X06,A ;Read master’s data from read buffer XOR A,@0XAA ;Check pass signal from read buffer JBS 0X03,2 JMP $-6 JMP SPI ORG 0X30 INIT: CLRA IOW 0X05 IOW 0X06 |