Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SW-192 Arkusz danych(PDF) 3 Page - SHINMEI ELECTRIC CO., LTD.

Numer części SW-192
Szczegółowy opis  Paper Tray Detector Switches for Photocopy Machines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Strona internetowa  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

SW-192 Arkusz danych(HTML) 3 Page - SHINMEI ELECTRIC CO., LTD.

  SW-192 Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. SW-192 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. SW-192 Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SW-185 /-186 /-372 /-373 /-192 Series
3/3
SHINMEI ELECTRIC CO., LTD.
[] Dimensions
Unit : mm
No
Style
P.C.B reference mounting hole
Dimensions , Circuit diagram
(TOP VIEW)
SW5AD-373
4
5
[]
Notes
1.
The appearance and specifications of the product may be modified to improve its performance without prior notice.
2.
This catalog shows only outline specifications. When using the product, please obtain formal specifications.
3.
Please see appendix [Cautions in Using Switches ].
4.
This switch is not washable.
5.
The attachment and detachment of connectors shall be made according to the specified direction and not apply
stress to the other directions.
6.
The switches shall be mounted after attaching connectors, while connectors shall be detached after dismounting
switches.
7.
In case circuit and software design consideration against chattering and bouncing shall be taken as below.
Read a few times. (Ex. 5ms for 5 times)
Set delay time.
Set integral circuit.
8.
As to threshold voltage, center setting is recommended.
9.
Care shall be taken not to apply stress to the body of switch as it may affect the performance.
10. Please confirm the performance on actual operation by simulation with actual environment environments for high
reliability.



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com