| Zakładka z wyszukiwarką danych komponentów |
|
NX8564LE811-CC Arkusz danych(PDF) 1 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
NX8564LE811-CC Arkusz danych(HTML) 1 Page - California Eastern Labs |
|
1 / 11 page ![]() NEC's EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS NX8564LE NX8565LE NX8566LE SERIES FEATURES • INTEGRATED ELECTROABSORPTION MODULATOR • VERY LOW DISPERSION PENALTY: Over 360 km (6480 ps/nm), NX8564LE-BC/CC Over 600 km (10800 ps/nm), NX8565LE-BC/CC Over 240 km (4320 ps/nm), NX8566LE-BC/CC • LOW MODULATION VOLTAGE • AVAILABLE FOR DWDM WAVELENGTH BASED ON ITU-T RECOMMENDATION 100 GHz grid, refer to ORDERING INFORMATION NEC's NX8564/8565/8566LE Series is an Electro-Absorption (EA) modulator integrated, 1550 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode. The module is capable of 2.5 Gb/s applications of over 360 km, 600 km, 240 km ultralong-reach and available for Dense Wavelength Division Multiplexing (DWDM) wavelengths based on ITU-T recommendations, enabling a wide range of applications. DESCRIPTION California Eastern Laboratories |
Podobny numer części - NX8564LE811-CC |
|
Podobny opis - NX8564LE811-CC |