| Zakładka z wyszukiwarką danych komponentów |
|
NX8564LE980-CC Arkusz danych(PDF) 6 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
NX8564LE980-CC Arkusz danych(HTML) 6 Page - California Eastern Labs |
|
6 / 11 page ![]() NX8564/8565/8566LE SERIES ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Optical Output Power from Fiber Pf 10 mW Forward Current of LD IFLD 150 mA Reverse Voltage of LD VRLD 2.0 V Forward Voltage of Modulator VFEA 1 V Reverse Voltage of Modulator VREA 5 V Forward Current of PD IFPD 1 mA Reverse Voltage of PD VRPD 10 V Cooler Current IC 1.5 A Cooler Voltage VC 2.5 V Operating Case Temperature TC − 20 to +70 ° C Storage Temperature Tstg − 40 to +85 ° C Lead Soldering Temperature Tsld 260 (10 sec.) ° C |