| Zakładka z wyszukiwarką danych komponentów |
|
NX8564LE6006-BC Arkusz danych(PDF) 8 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
NX8564LE6006-BC Arkusz danych(HTML) 8 Page - California Eastern Labs |
|
8 / 11 page ![]() NX8564/8565/8566LE SERIES ELECTRO-OPTICAL CHARACTERISTICS ( Applicable to Monitor PD: TLD = Tset, TC = -20 to +70ºC, unless otherwise specified) PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Monitor Current Im VRPD = 5 V, IFLD = Iop, VEA = 0 V 20 100 1000 μ A Dark Current ID VRPD = 5 V, VEA = 0 V 10 nA Terminal Capacitance Ct VRPD = 5 V, f = 1 MHz 15 pF Tracking Error γ *1 Im = const. 0.5 dB *1 Tracking Error: γ Pf (mW) 0 Im Im TLD = Tset, TC = 25ºC TLD = Tset, TC = -20 to +70ºC Pop Pf γ = 10 log [dB] Pf Pop ELECTRO-OPTICAL CHARACTERISTICS ( Applicable to Thermistor and TEC: TC = -20 to +70ºC) PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Thermistor Resistance R TLD = 25°C 9.5 10.0 10.5 kΩ B Constant B 3350 3450 3550 K TEC Current IC TLD = Tset 1.2 A TEC Voltage VC TLD = Tset 2.4 V |