Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1404 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC1404
Szczegółowy opis  PRECISION LOW DRIFT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1404 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC1404 Datasheet HTML 1Page - ON Semiconductor MC1404 Datasheet HTML 2Page - ON Semiconductor MC1404 Datasheet HTML 3Page - ON Semiconductor MC1404 Datasheet HTML 4Page - ON Semiconductor MC1404 Datasheet HTML 5Page - ON Semiconductor MC1404 Datasheet HTML 6Page - ON Semiconductor MC1404 Datasheet HTML 7Page - ON Semiconductor MC1404 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC1404
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. 5.0 V, 6.0 Amp, 25 kHz Switching Regulator with Separate Ultra–Stable Reference
+5.0 V Out
200 mA to
6.0 Amps
5000
µF
6.8 V
0.01
µF
Ceramic
+
(Low ESR)
0.01
µF
50 V
Ceramic
1N3889
2N5879
120
µH
33
220 k
TL495CN
Motorola
2.2 k
2.2 k
130
0.001
µF
1
+
Oscillator
10 k
0.005
µF
9
7
12
100 k
TRIM
(opt)
14
10
1000
µF
50 V
+
2
Pulse Width
Modulator
64
5
6
4
MC1404P5
130
11
3
2
18
17
5
8
+ 10 to + 30 ln
+
Figure 14. Reference for a High Speed DAC
MC1404P10
12.5 to
40 V
Input
26
4
10 V Reference
0.1
µF
R1
R2
Ladder
and
Switches
Digital
Inputs
Analog
Output
High Speed DAC
R1 and R2 values depend
on the current requirements
of the DAC.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com