Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L3000N Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części L3000N
Szczegółowy opis  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000N Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button L3000N Datasheet HTML 4Page - STMicroelectronics L3000N Datasheet HTML 5Page - STMicroelectronics L3000N Datasheet HTML 6Page - STMicroelectronics L3000N Datasheet HTML 7Page - STMicroelectronics L3000N Datasheet HTML 8Page - STMicroelectronics L3000N Datasheet HTML 9Page - STMicroelectronics L3000N Datasheet HTML 10Page - STMicroelectronics L3000N Datasheet HTML 11Page - STMicroelectronics L3000N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
In the same condition the power dissipation of
L3092 is typically 100mW.
2) STAND-BY (SBY) MODE
In this mode the bias currents of both L3000N
and L3092 are reduced as only some parts of the
two circuits are completely active, control inter-
face and current sensors among them. The cur-
rent supplied to the line is limited at 10mA, and
the slope of the DC characteristic corresponds to
2 x RFS.
The AC characteristic in Stand-by corresponds to
a low impedance (2 x RP)
In Stand-by mode the line voltage polarity is just
in direct condition, that is the TIP wire more posi-
tive than the RING one as in Conversation Mode.
When the SLIC is in Stand-by mode, the power
dissipation
of
L3000N
does
not
exceed
120mW from – 48V) eventually increased of a
certain amount if some current is flowing into the
line.
The power dissipation of the L3092 in the same
condition is typically 50mW.
SBY Mode is usually selected when the tele-
phone is in on-hook. It allows a proper off-hook
detection also in presence of high common mode
line current or with telephone set sinking few mil-
liAmpere of line current in on hook condition.
3) POWER DOWN (PD) MODE
In this mode the L3000N present a high imped-
ance (> 1 Mohm) to the line and cannot feed any
line current.
The L3092 forces L3000N in Power Down discon-
necting its bias Resistor, RH, from the ground
through the output pin PD0.
The power dissipation from the battery volt-
age (– VB) is almost equal to zero and the power
dissipation of L3092 is typically 50mW.
The PD mode is normally used in emergency
condition but can be used also in normal on-hook
condition.
In this case the off-hook detection is performed
using the line sense comparator integrated in the
L3092.
The fig. 4 shows the functional circuit to perform
the off hook detection in Power down mode.
The resistor RR and RT feed the line current. The
voltage at the terminal of the resistor RS con-
nected to RING wire is normally – 48V.
When there is a loop resistor between TIP and
Figure 1: DC Characteristics in Conversation
Mode
Figure 2: Line Current versus Loop Resistance -
RFS = 200
Ω; Limiting Currents:
25/40/60mA
Figure 3: DC Characteristics in Stand-by Mode
L3000N - L3092
8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com