Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1017516 Arkusz danych(PDF) 10 Page - PHOENIX CONTACT

Numer części 1017516
Szczegółowy opis  PCB terminal block, Screw connection with tension sleeve
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1017516 Arkusz danych(HTML) 10 Page - PHOENIX CONTACT

Back Button 1017516 Datasheet HTML 3Page - PHOENIX CONTACT 1017516 Datasheet HTML 4Page - PHOENIX CONTACT 1017516 Datasheet HTML 5Page - PHOENIX CONTACT 1017516 Datasheet HTML 6Page - PHOENIX CONTACT 1017516 Datasheet HTML 7Page - PHOENIX CONTACT 1017516 Datasheet HTML 8Page - PHOENIX CONTACT 1017516 Datasheet HTML 9Page - PHOENIX CONTACT 1017516 Datasheet HTML 10Page - PHOENIX CONTACT 1017516 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1017516 TDPT 4/ 4-SC-6,35-ZB
REF 1017514
PHOENIX CONTACT 10 / 11
2018-04-23
Product version 00
Document revision 00
12
Environmental and durability tests
Specification
IEC 60695-2-10:2013-04
Result
Test passed
Temperature
850 °C
Time of exposure
5 s
12.1
Assessment of fire risk (glow wire test)
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
5 g (60.1 - 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Contact interruption
12.2
Vibration test
13
Approvals
cULus Recognized
Use group
B
C
D
mm²/AWG/kcmil
24-10
24-10
24-10
Voltage
600 V
600 V
300 V
Current
30 A
30 A
10 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com