| Zakładka z wyszukiwarką danych komponentów |
|
MAX7044 Arkusz danych(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7044 Arkusz danych(HTML) 4 Page - Maxim Integrated Products |
|
4 / 9 page ![]() 300MHz to 450MHz High-Efficiency, Crystal-Based +13dBm ASK Transmitter 4 _______________________________________________________________________________________ Typical Operating Characteristics (Typical Application Circuit, VDD = +2.7V, TA = +25°C, unless otherwise noted.) (Note 1) 7 9 11 13 15 17 19 21 23 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) fRF = 315MHz PA ON TA = -40°C TA = +25°C TA = +85°C TA = +125°C 5 6 7 8 9 10 11 12 13 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) TA = +25°C fRF = 315MHz PA 50% DUTY CYCLE AT 10kHz TA = -40°C TA = +85°C TA = +125°C 8 12 10 16 14 20 18 22 2.1 2.7 2.4 3.0 3.3 3.6 SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) TA = +25°C fRF = 433MHz PA ON TA = -40°C TA = +85°C TA = +125°C 6 7 8 9 10 11 12 13 14 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) TA = +25°C fRF = 433MHz PA 50% DUTY CYCLE AT 10kHz TA = -40°C TA = +85°C TA = +125°C 8 10 14 12 16 18 2.1 2.7 2.4 3.0 3.3 3.6 OUTPUT POWER vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) fRF = 315MHz PA ON TA = +25°C TA = -40°C TA = +85°C TA = +125°C 8 10 14 12 16 18 2.1 2.7 2.4 3.0 3.3 3.6 OUTPUT POWER vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) fRF = 433MHz PA ON TA = +25°C TA = -40°C TA = +85°C TA = +125°C -80 -78 -74 -76 -72 -70 2.1 2.7 2.4 3.0 3.3 3.6 REFERENCE SPUR MAGNITUDE vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) REFERENCE SPUR = fRF ± fXTAL fRF = 433MHz fRF = 315MHz -3 -1 -2 1 0 2 3 2.1 2.7 2.4 3.0 3.3 3.6 FREQUENCY STABILITY vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) fRF = 433MHz fRF = 315MHz 30 35 40 45 50 55 60 65 70 2.1 2.4 2.7 3.0 3.3 3.6 TRANSMIT POWER EFFICIENCY vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) fRF = 315MHz PA ON TA = -40°C TA = +85°C TA = +125°C TA = +25°C |