Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB05S Arkusz danych(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Numer części MB05S
Szczegółowy opis  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MB05S Arkusz danych(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MB05S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MB05S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DN:T19806A0
https://www.microdiode.com
Rev:2019A0
Page :1
Voltage Range - 50 to 1000 V olts Current - 0.5/0.8 Ampere
MB05S THRU MB10S
Features
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unlss otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Mechanical Data
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
High temperature soldering guaranteed: 260°/10 seconds at 5
lbs., (2.3kg) tension
Small size, simple installation
High surge current capability
Case : JEDEC MBS Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position: Any
Weight : 0.0035 ounce, 0.1 grams
MBS
+
.193(4.90)
.177(4.50)
.157(4.00)
.142(3.60)
.276(7.0)
MAX
.102(2.60)
.087(2.20)
.033(0.84)
.022(0.56)
.118(3.0)
MAX
.106(2.70)
.090(2.30)
.008(0.20)
MAX
.053(1.53)
.037(0.95)
.083(2.12)
.043(1.10)
.043(1.10)
.028(0.70)
.014(0.35)
.006(0.15)
Parameter
SYMBOLS
MB05S MB1S
MB2S MB4S MB6S MB8S MB10S
UNITS
Marking Code
MDD
MB05S
MDD
MB1S
MDD
MB2S
MDD
MB4S
MDD
MB6S
MDD
MB8S
MDD
MB10S
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TC=125°C
IF(AV)
0.5
0.8
A
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Maximum instantaneous forward voltage drop
per leg at 1A
VF
1.0
V
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=100
IR
5
500
uA
uA
Typical junction capacitance
CJ
13
PF
Typicalthermalresistance
R JA
70
°C/W
Operating temperature range
TJ
-55to+150
°C
storage temperature range
TSTG
-55to+150
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×1.5"×1.5"(3.81×3.81 cm)copper pad.
Dimensions in inches and (millimeters)


Podobny numer części - MB05S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB05S BILIN-MB05S Datasheet
166Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
MB05S GXELECTRONICS-MB05S Datasheet
842Kb / 2P
Glass passivated chip junctions
More results

Podobny opis - MB05S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com