Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMPJ100A Arkusz danych(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Numer części SMPJ100A
Szczegółowy opis  TRANSIENT VTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SMPJ100A Arkusz danych(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SMPJ100A Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SMPJ100A Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SMPJ100A Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SMPJ100A Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev:2019A0
Page :2
https://www.microdiode.com
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
SMPJ5.0A
SMPJ5.0CA
5000
5.0
6.40
7.00
10
9.20
543.48
1000
SMPJ6.0A
SMPJ6.0CA
5000
6.0
6.67
7.37
10
10.30
485.44
1000
SMPJ6.5A
SMPJ6.5CA
5000
6.5
7.22
7.98
10
11.20
446.43
500
SMPJ7.0A
SMPJ7.0CA
5000
7.0
7.78
8.60
10
12.00
416.67
200
SMPJ7.5A
SMPJ7.5CA
5000
7.5
8.33
9.21
1
12.90
387.60
100
SMPJ8.0A
SMPJ8.0CA
5000
8.0
8.89
9.83
1
13.60
367.65
50
SMPJ8.5A
SMPJ8.5CA
5000
8.5
9.44
10.40
1
14.40
347.22
25
SMPJ9.0A
SMPJ9.0CA
5000
9.0
10.00
11.10
1
15.40
324.68
10
SMPJ10A
SMPJ10CA
5000
10.0
11.10
12.30
1
17.00
294.12
5
SMPJ11A
SMPJ11CA
5000
11.0
12.20
13.50
1
18.20
274.73
5
SMPJ12A
SMPJ12CA
5000
12.0
13.30
14.70
1
19.90
251.26
5
SMPJ13A
SMPJ13CA
5000
13.0
14.40
15.90
1
21.50
232.56
5
SMPJ14A
SMPJ14CA
5000
14.0
15.60
17.20
1
23.20
215.52
5
SMPJ15A
SMPJ15CA
5000
15.0
16.70
18.50
1
24.40
204.92
5
SMPJ16A
SMPJ16CA
5000
16.0
17.80
19.70
1
26.00
192.31
5
SMPJ17A
SMPJ17CA
5000
17.0
18.90
20.90
1
27.60
181.16
5
SMPJ18A
SMPJ18CA
5000
18.0
20.00
22.10
1
29.20
171.23
5
SMPJ19A
SMPJ19CA
5000
19.0
21.10
23.30
1
30.80
162.44
5
SMPJ20A
SMPJ20CA
5000
20.0
22.20
24.50
1
32.40
154.32
5
SMPJ22A
SMPJ22CA
5000
22.0
24.40
26.90
1
35.50
140.85
5
SMPJ24A
SMPJ24CA
5000
24.0
26.70
29.50
1
38.90
128.53
5
SMPJ26A
SMPJ26CA
5000
26.0
28.90
31.90
1
42.10
118.76
5
SMPJ28A
SMPJ28CA
5000
28.0
31.10
34.40
1
45.40
110.13
5
SMPJ30A
SMPJ30CA
5000
30.0
33.30
36.80
1
48.40
103.31
5
SMPJ33A
SMPJ33CA
5000
33.0
36.70
40.60
1
53.30
93.81
5
SMPJ36A
SMPJ36CA
5000
36.0
40.00
44.20
1
58.10
86.06
5
SMPJ40A
SMPJ40CA
5000
40.0
44.40
49.10
1
64.50
77.52
5
SMPJ43A
SMPJ43CA
5000
43.0
47.80
52.80
1
69.40
72.05
5
SMPJ45A
SMPJ45CA
5000
45.0
50.00
55.30
1
72.70
68.78
5
SMPJ48A
SMPJ48CA
5000
48.0
53.30
58.90
1
77.40
64.60
5
SMPJ51A
SMPJ51CA
5000
51.0
56.70
62.70
1
82.40
60.68
5
SMPJ54A
SMPJ54CA
5000
54.0
60.00
66.30
1
87.10
57.41
5
SMPJ58A
SMPJ58CA
5000
58.0
64.40
71.20
1
93.60
53.42
5
SMPJ60A
SMPJ60CA
5000
60.0
66.70
73.70
1
96.80
51.65
5
SMPJ64A
SMPJ64CA
5000
64.0
71.10
78.60
1
103.0
48.54
5
SMPJ70A
SMPJ70CA
5000
70.0
77.80
86.00
1
113.0
44.25
5
SMPJ75A
SMPJ75CA
5000
75.0
83.30
92.10
1
121.0
41.32
5
SMPJ78A
SMPJ78CA
5000
78.0
86.70
95.80
1
126.0
39.68
5
SMPJ80A
SMPJ80CA
5000
80.0
88.80
97.60
1
129.6
38.58
5
SMPJ85A
SMPJ85CA
5000
85.0
94.40
104.00
1
137.0
36.50
5
SMPJ90A
SMPJ90CA
5000
90.0
100.00
111.00
1
146.0
34.25
5
SMPJ100A
SMPJ100CA
5000
100.0
111.00
123.00
1
162.0
30.86
5
Part No.
Peak Power
Dissipation
10/1000μ
sec(W)
Reverse
Stand-Off
Voltage
VRWM(V)
Breakdown
Voltage
VBR (V)
Min @ IT
Breakdown
Voltage
VBR (V)
Max @ IT
Test
Current
IT (mA)
Max
Clamping
Voltage
VC (V)@ IPP
Peak
Pulse
Current
IPP (A)
Reverse
Leakage
IR (μA)
@ VRWM
SMPJ5.0 THRU SMPJ100CA
Stand-off Voltage - 5.0 to 100 Volts Peak Pulse Power: 5000 Watts



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com