Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPA202IDBVT Arkusz danych(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Numer części OPA202IDBVT
Szczegółowy opis  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDBVT Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button OPA202IDBVT Datasheet HTML 20Page - Texas Instruments OPA202IDBVT Datasheet HTML 21Page - Texas Instruments OPA202IDBVT Datasheet HTML 22Page - Texas Instruments OPA202IDBVT Datasheet HTML 23Page - Texas Instruments OPA202IDBVT Datasheet HTML 24Page - Texas Instruments OPA202IDBVT Datasheet HTML 25Page - Texas Instruments OPA202IDBVT Datasheet HTML 26Page - Texas Instruments OPA202IDBVT Datasheet HTML 27Page - Texas Instruments OPA202IDBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
0
20
40
60
80
100
10M
100M
1000M
Frequency (Hz)
C004
24
OPA202, OPA2202, OPA4202
SBOS812E – OCTOBER 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.3.7 EMI Rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has a
higher EMIRR and is quantified by a decibel value. Measuring EMIRR is performed in many ways, but this
section provides the EMIRR IN+, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
•
Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
•
The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit matching EMIRR
performance
•
EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input pin can
be isolated on a PCB. This isolation allows the RF signal to be applied directly to the noninverting input pin
with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any pin of the operational amplifier may result in adverse
effects, as the amplifier does not have sufficient loop gain to correct for signals with spectral content outside
the bandwidth. Conducted or radiated EMI on inputs, power supply, or output may result in unexpected DC
offsets, transient voltages, or other unknown behavior. Take care to properly shield and isolate sensitive
analog nodes from noisy radio signals and digital clocks and interfaces. shows the effect of conducted EMI to
the power supplies on the input offset voltage of OPAx202.
The EMIRR IN+ of the OPAx202 is plotted versus frequency, as shown in Figure 44. If available, any dual
and quad op-amp device versions have similar EMIRR IN+ performance. The OPAx202 unity-gain bandwidth
is 1 MHz. EMIRR performance less than this frequency denotes interfering signals that fall within the op-amp
bandwidth.
See the EMI Rejection Ratio of Operational Amplifiers application report, available for download from
www.ti.com.
Figure 44. OPAx202 EMIRR IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47