Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BSV-H Arkusz danych(PDF) 1 Page - Bellnix Co.,Ltd.

Numer części BSV-H
Szczegółowy opis  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELLNIX [Bellnix Co.,Ltd.]
Strona internetowa  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV-H Arkusz danych(HTML) 1 Page - Bellnix Co.,Ltd.

  BSV-H Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H Series
1
BDD20150227
Bellnix
DC-DC Converter
BSV-H Series is a small (27.0x16.5x4.0mm), light (2.8g), 52.8W output power
step-down DC-DC converter. With ultra-low output voltage from 0.8V, it can support
the latest DSP, ASIC applications. High efficiency and ultra-high-speed response with
synchronous rectification have been achieved along with space-saving SMD
packaging without external parts. This product will exceed your expectations in all
aspects.
■ Features
・Output Voltage Accuracy ±1.0%
・Adjustable Output Voltage
・Ultra-high Efficiency 92%
・Operating Temp Range -40ºC to +85ºC
・Ultra Compact, High Power Density ・High Reliability, High Performance
・Non-isolated type Converter
・Use of the Latest Power-IC
Built-in Over Current Protection Circuit
・Synchronous rectification
・ON/OFF Control
・RoHS Compliant
・High-speed Response
・Short-circuit, Over Current Protection Circuit
・External Capacitor Not Required
・SMD Package
・Heat Sink Not Required
■ Model/Rating
Table 1
Models
BSV Series
Input V
Vdc
Output V
Vdc
Output I
A
Line Reg.
%(typ.)
Load Reg.
%(typ.)
Ripple Noise
mVpp(typ.)
Efficiency
%(typ.)
BSV-3.3S16R0H
5.0V
(3.0 to 5.5)
3.3V
(0.8 to 3.3)
0 to 16
0.5
0.5
30
92
Note 1: Unless otherwise specified, measured at input voltage 5.0V, output voltage 3.3V, output current 16A and ambient temperature
25ºC±5ºC.
Note 2: Efficiency is measured at input voltage 5.0V, output voltage 3.3V, output current 16A and ambient temperature 25ºC±5ºC.
Note 3: Potential difference of 0.7V or more is required between input voltage and output voltage. Vin(V)-Vo(V) ≧0.7V
Note 4: Ripple noise is measured at 20MHz bandwidth.
Note 5: Depending on the ambient temp. conditions, output derating and air flow cooling may be required.
■ Specifications
Table 2
Input voltage range
Refer to Table 1
Rated input voltage
5.0V
Rated output voltage
3.3V
Output voltage initial setting
3.3V (When Trim pin is open)
Adjustable output voltage
range
Refer to Table 1
Output voltage accuracy
±1.0% (±0.033V)
Line regulation
Refer to Table 1 (Rated output, input voltage varying in the range of Table 1)
Load regulation
Refer to Table 1 (Rated input/output voltage, load varying from 0 to 100%)
Temp. regulation
±0.02%/ºC typ. (5V input, 3.3V, 12A output, operating temp varying from -40ºC to +55ºC)
Ripple noise
Refer to Table 1 (Rated input/output, measurement frequency bandwidth 20MHz)
Efficiency
92% typ. (Rated input/output, refer to Table 1)
Turn-on Rise time
1.0ms typ. (Resistance load)
Max. output load capacity
10000µF max.
Over current protection
Yes
Output over voltage
protection
None
Remote ON/OFF control
Yes
P-Good output
Yes
Remote sensing
Yes
Operating temp range
Operating temperatures -40ºC to +85ºC (Refer to temp derating described separately)
Storage temp range
Storage temperatures -40ºC to +85ºC
Humidity range
20% to 95% R.H. (Max. wet bulb temp 35ºC with no condensation)
Storage conditions
Below 30ºC/60% R.H. before mounting the converter
Cooling conditions
Refer to temp derating shown separately
Vibration
5 to 10Hz total amplitude 10mm (3 directions, 1 hour each), 10 to 55Hz acceleration 2G (3
directions, 1 hour each)
Impact
Acceleration 20G (3 times for each of 3 directions), Impact time 11±5ms
Weight
2.8g typ.
Outer dimensions
W=27.0 L=16.5 H=4.0 (mm) (For dimensional details, refer to the shape and dimensions shown
separately)
* The above specifications are provided with rated value, unless otherwise specified.
* The contents provided in this datasheet may be changed at any time without prior notice.


Podobny numer części - BSV-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bellnix Co.,Ltd.
BSV-HE BELLNIX-BSV-HE Datasheet
361Kb / 11P
HIGH SPEED LOAD RESPONSE, OUTPUT VOLTAGE SETTING ACCURACY짹1% POL DC-DC Converter
More results

Podobny opis - BSV-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Bellnix Co.,Ltd.
BSU-1.8S3R0 BELLNIX-BSU-1.8S3R0 Datasheet
1Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSV BELLNIX-BSV Datasheet
585Kb / 12P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-M BELLNIX-BSV-M Datasheet
678Kb / 13P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-NANO BELLNIX-BSV-NANO Datasheet
358Kb / 12P
Small Type High-Speed Response POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com