| Zakładka z wyszukiwarką danych komponentów |
|
STV8207T Arkusz danych(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8207T Arkusz danych(HTML) 54 Page - STMicroelectronics |
|
54 / 149 page ![]() Register List STV82x7 54/149 LS_SR_VOLUME_LSB E3h 0000 0000 0 0 0 0 0 0 LS_SR_VOLUME_LSB[1:0] LS_MASTER_VOLUME_MSB E4h 1110 1000 LS_MASTER_VOLUME_MSB[7:0] LS_MASTER_VOLUME_LSB E5h 0000 0000 0 0 0 0 0 0 LS_MASTER_VOLUME_ LSB[1:0] HP_L_VOLUME_MSB E6h 1001 1000 HP_L_VOLUME_MSB[7:0] HP_L_VOLUME_LSB E7h 0000 0000 0 0 0 0 0 0 HP_L_VOLUME_LSB[1:0] HP_R_VOLUME_MSB E8h 0000 0000 HP_R_VOLUME_MSB[7:0] HP_R_VOLUME_LSB E9h 0000 0000 0 0 0 0 0 0 HP_R_VOLUME_ LSB[1:0] SCART_L_VOLUME_MSB EAh 1101 1101 SCART_L_VOLUME_MSB[7:0] SCART_L_VOLUME_LSB EBh 0000 0000 0 0 0 0 0 0 SCART_L_VOLUME_ LSB[1:0] SCART_R_VOLUME_MSB ECh 1101 1101 SCART_R_VOLUME_MSB[7:0] SCART_R_VOLUME_LSB EDh 0000 0000 0 0 0 0 0 0 SCART_R_VOLUME_ LSB[1:0] Beeper BEEPER_ON EEh 0000 0000 0 0 0 0 0 0 0 BEEPER_ ON BEEPER_MODE EFh 0000 0011 0 0 0 BEEPER_DURATION[1:0] BEEPER_ PULSE BEEPER_PATH[1:0] BEEPER_FREQ_VOL F0h 0111 0000 BEEPER_FREQ[2:0] BEEPER_VOLUME[4:0] Mute MUTE_DIGITAL F1h 1001 1111 AUTOSTD_ MUTE_ON 00 SCART_ D_MUTE SRND_HP_ D_MUTE SUB_ D_MUTE C_ D_MUTE LS_ D_MUTE S/PDIF S/PDIF_OUT_CONFIG F2h 0000 0100 0 0 0 0 0 SPDIF_OUT_ MUTE S/PDIF_OUT_SELECT[2:0] Headphone Configuration HEADPHONE_CONFIG F3h 0000 001(0) 0 0 0 0 HP_FORCE HP_LS_ MUTE HP_DET_ ACTIVE HP_ DETECTED DAC Control DAC_CONTROL F4h 0001 1111 0 0 S/PDIF_ MUX DAC_SCART _MUTE DAC_SHP_ MUTE DAC_CSUB_ MUTE DAC_LSLR_ MUTE POWER_ UP SPDIF_CHANNEL_STATUS F9h 0000 0000 CHANNEL_STATUS EMPHASIS COPYRIGHT NON_AUDIO PRO_CON AutoStandard Coefficients Settings AUTOSTD_COEFF_CTRL FBh 0000 0001 0 0 0 0 0 0 AUTOSTD_COEFF_ CTRL[1:0] AUTOSTD_COEFF_INDEX_MSB FCh 0000 0000 0 0 0 0 0 0 0 AUTOSTD_ COEFF_ INDEX_MSB AUTOSTD_COEFF_INDEX_LSB FDh 0000 0000 AUTOSTD_COEFF_INDEX_LSB[7:0] AUTOSTD_COEFF_VALUE FEh 0000 0000 AUTOSTD_COEFF_VALUE[7:0] Table 9: List of I²C Registers (Sheet 6 of 6) Name Addr. Reset Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |