| Zakładka z wyszukiwarką danych komponentów |
|
P0720SC Arkusz danych(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
P0720SC Arkusz danych(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
8 / 9 page ![]() Thyristor Surge Suppressors P0060~P3500SA_B_C Series Packing Options Part Numbering Industry Standard S DO-214AA Tape & Reel Pack 2500 N/A EIA-481-D Dimensions — DO-214AA 0.079 (2.0) 0.110 (2.8) 0.079 (2.0) Pad Outline H K E F G A C B D Case Temperature Measurement Point inch (millimeter) Dimensions Inches Millimeters MinMax Min Max A 0.130 0.156 3.30 3.95 B 0.201 0.220 5.10 5.60 C 0.077 0.087 1.95 2.20 D 0.159 0.181 4.05 4.60 E 0.030 0.063 0.75 1.60 F 0.075 0.096 1.90 2.45 G 0.002 0.008 0.05 0.20 H 0.077 0.104 1.95 2.65 K 0.006 0.016 0.15 0.41 CONSTRUCTION VARIABLE I PP RATING TYPE P = LOGO P MEDIAN VOLTAGE PACKAGE TYPE xxx 0S C Part Marking Pxxxx Part Marking Code (Refer to Electrical Characteristics Table) 0.472 (12.0) 0.36 (9.2) 0.315 (8.0) 0.157 (4.0) 0.49 (12.4) 0.512 (13.0) Arbor Hole Dia. 12.99 (330.0) Dimensions are in inches (and millimeters). Direction of Feed 0.059 DIA (1.5) Cover tape 8 |