| Zakładka z wyszukiwarką danych komponentów |
|
NP3CM-R Arkusz danych(PDF) 1 Page - Neutrik AG |
|
|
|||||||||||||||||||||||||||||
NP3CM-R Arkusz danych(HTML) 1 Page - Neutrik AG |
|
1 / 3 page ![]() NP3CM-R 0.206" MIL-plug (MIL-P-642/5A), red metal housing, brass contacts Professional phone plugs in MIL type design according MIL standard MIL-P-642/*. They are featuring similar construction as the standard Neutrik phone plugs with chuck type strain relief and slimline metal barrel to meet the high requirements for military communication equipments. These plugs are not compatible with standard 1/4" jacks (acc. EIA RS453) and patch panels. Features & Benefits 0.206" MIL-plug (MIL-P-642/5A) • One-piece Tip conductor ensures secure conductivity • Metal shell and chuck type cable retention - robust and dependable • NP3CM-R 1 /3 |
Podobny numer części - NP3CM-R |
|
Podobny opis - NP3CM-R |