Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9U21125 Arkusz danych(PDF) 1 Page - Schneider Electric

Numer części M9U21125
Szczegółowy opis  Multi 9 - C60H-DC - MCB - 1P - 25 A - C Curve - 250 V DC - 10 kA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9U21125 Arkusz danych(HTML) 1 Page - Schneider Electric

  M9U21125 Datasheet HTML 1Page - Schneider Electric M9U21125 Datasheet HTML 2Page - Schneider Electric M9U21125 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
M9U21125
Multi 9 - C60H-DC - MCB - 1P - 25 A - C Curve -
250 V DC - 10 kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 182.00 USD
Main
Range
Multi 9
Product name
Multi 9 C60H-DC
Product or component type
Miniature circuit-breaker
Device short name
C60H-DC
Device application
Distribution
Poles description
1P
Number of protected poles
1
Line Rated Current
25 A 77 °F (25 °C) EN/IEC 60947-2
Network type
DC
Trip unit technology
Thermal-magnetic
Curve code
C
Breaking capacity
10 kA Icu 220 V DC EN/IEC 60947-2
6 kA Icu 250 V DC EN/IEC 60947-2
20 kA Icu 110 V DC EN/IEC 60947-2
5 kA AIR 12...250 V DC UL 1077
10 kA Icu 220 V DC GB 14048.2
6 kA Icu 250 V DC GB 14048.2
20 kA Icu 110 V DC GB 14048.2
Utilisation category
Category A EN/IEC 60947-2
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
GB 14048.2
UL 1077
Product certifications
IEC
CCC
UR
Complementary
[Ue] rated operational voltage
250 V DC
110 V DC
220 V DC
Magnetic tripping limit
7...10 x In DC
[Ics] rated service breaking capacity
7.5 kA 75 % EN/IEC 60947-2 - 220 V DC
4.5 kA 75 % EN/IEC 60947-2 - 250 V DC
Mar 10, 2020
1


Podobny numer części - M9U21125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
M9U21120 SCHNEIDER-M9U21120 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 20 A - C Curve - 250 V DC - 10 kA
Feb 27, 2020
More results

Podobny opis - M9U21125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
M9U21104 SCHNEIDER-M9U21104 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 4 A - C Curve - 250 V DC - 10 kA
Feb 27, 2020
M9U21106 SCHNEIDER-M9U21106 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 6 A - C Curve - 250 V DC - 10 kA
Feb 27, 2020
M9U21110 SCHNEIDER-M9U21110 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 10 A - C Curve - 250 V DC - 10 kA
Mar 2, 2020
M9U21120 SCHNEIDER-M9U21120 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 20 A - C Curve - 250 V DC - 10 kA
Feb 27, 2020
M9U21140 SCHNEIDER-M9U21140 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 40 A - C Curve - 250 V DC - 10 kA
Feb 27, 2020
M9U11125 SCHNEIDER-M9U11125 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 25 A - B Curve - 250 V DC - 10 kA
M9U21113 SCHNEIDER-M9U21113 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 13 A - C Curve - 250 V DC - 10 kA
M9U21116 SCHNEIDER-M9U21116 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 16 A - C Curve - 250 V DC - 10 kA
M9U21163 SCHNEIDER-M9U21163 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 63 A - C Curve - 250 V DC - 10 kA
M9U31125 SCHNEIDER-M9U31125 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 25 A - D Curve - 250 V DC - 10 kA
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com