Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SCF47B-600-2R2C0005JH Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części SCF47B-600-2R2C0005JH
Szczegółowy opis  KEMET, SCF-J/JH, AC Line Filters, Common Mode, 50 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

SCF47B-600-2R2C0005JH Arkusz danych(HTML) 1 Page - Kemet Corporation

  SCF47B-600-2R2C0005JH Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SCF47B-600-2R2C0005JH
(UALF47B0005JH0)
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 50 uH
Dimensions
D
63mm MAX
T
39mm MAX
H
61mm MAX
LL
4.5mm +/-1.5mm
S
25mm NOM
Packaging Specifications
Packaging: Tray
Packaging Quantity: 36
Weight: 135 g
General Information
Series: SCF-J/JH
Style: Through-Hole
Features: High Impedance, Space Saving
RoHS: Yes
Notes: Lead Spacing (S/S1) Are For
Reference Only.
Miscellaneous: Temperature Rise Maximum: 35
K
Specifications
Voltage AC: 250 VAC
Inductance: 0.05 mH (100 kHz)
Current: 60 A
Temperature Range: -25/+120°C
DC Resistance: 0.31 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/19/2019 - 994389aa-539c-4678-a926-3d92d0e8cd73


Podobny numer części - SCF47B-600-2R2C0005JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SCF47B-200-S1R9B026J KEMET-SCF47B-200-S1R9B026J Datasheet
163Kb / 1P
KEMET, SCF Three Phase, AC Line Filters, Common Mode, 2600 uH
SCF47B-300-S2R0B012J KEMET-SCF47B-300-S2R0B012J Datasheet
163Kb / 1P
KEMET, SCF Three Phase, AC Line Filters, Common Mode, 1200 uH
SCF47B-400-1R8C040J KEMET-SCF47B-400-1R8C040J Datasheet
148Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 4000 uH
More results

Podobny opis - SCF47B-600-2R2C0005JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SC-10-D05J KEMET-SC-10-D05J Datasheet
91Kb / 1P
KEMET, SC-D-J/JH, AC Line Filters, Common Mode, 50 uH
SCF19-040-0R8A1100J KEMET-SCF19-040-0R8A1100J Datasheet
123Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 0.011 H
SCF-02-130JV KEMET-SCF-02-130JV Datasheet
78Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 0.013 H
SCF-02-350JH KEMET-SCF-02-350JH Datasheet
79Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 0.035 H
SCF-03-65JV KEMET-SCF-03-65JV Datasheet
79Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 6500 uH
SCF12-025-1100J KEMET-SCF12-025-1100J Datasheet
79Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 0.0119 H
SCF31B-200-2R0A020JH KEMET-SCF31B-200-2R0A020JH Datasheet
130Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 2000 uH
SCF33B-400-1R6C009JH KEMET-SCF33B-400-1R6C009JH Datasheet
113Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 900 uH
SCF47B-400-1R8C040J KEMET-SCF47B-400-1R8C040J Datasheet
148Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 4000 uH
SCF47C-400-1R8C040JH KEMET-SCF47C-400-1R8C040JH Datasheet
174Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 4000 uH
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com