| Zakładka z wyszukiwarką danych komponentów |
|
ATW2805S/MSTR Arkusz danych(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
ATW2805S/MSTR Arkusz danych(HTML) 4 Page - International Rectifier |
|
4 / 8 page ![]() 4 www.irf.com ATW28XXD Series Specifications Table II. Electrical Performance Characteristics ATW2815D For Notes to Specifications, refer to page 5 Test Symbol Conditions -55°C ≤Tc ≤+125°C Vin = 28 Vdc ±5%, C L = 0 Unless otherwise specified Group A Subgroups Device Types Limits Unit Min Max Output voltage V OUT V IN = 18, 28, and 40 Vdc 1 All ±14.85 ±15.15 V DC I OUT = 0 2,3 All ±14.70 ±15.30 V DC Output current 11, 13 I OUT V IN = 18, 28, and 40 V dc 1,2,3 All 0.200 2000 mA DC Output ripple voltage 8 V RIP V IN = 18, 28, and 40 V dc, B.W. = DC to MHz 1,2,3 All 85 mVp-p Output Power 4, 11 P OUT V IN = 18, 28, 40 Vdc 1,2,3 All 30 W Line regulation 9, 10 VR LINE V IN = 18, 28, and 40 V dc, Iout = 0, 1000, and 2000mA 1 All 35 mV 2,3 All 75 mV Load regulation 9, 10 VR LOAD V IN = 18, 28, and 40 V dc, I OUT = 0, 1000, and 2000mA 1,2,3 All 150 mV Input current I IN I OUT = 0, inhibit (pin 8) 1,2,3 All 12 mADC I OUT = 0, inhibit (pin 8) = open 1,2,3 All 30 mADC Input ripple current I RIP I OUT = 2000mA 1,2,3 All 60 mAp-p Efficiency E FF I OUT = 2500mA TC = 25°C 1 All 80 % Isolation ISO Input to output or any pin to case (except pin 8) at 500V dc Tc = 25°C 1 All 100 M Ω Capacitive load 6, 12 C L No effect on dc performance, Tc = 25°C 4 All 500 µF Power dissipation load fault P D Overload, T C = +25°C 3 1 All 9 W Short circuit, T C = +25°C 1 All 9 W Switching frequency F S I OUT = 2000mA 1,2,3 01 237 263 KHz 1,2,3 02 230 245 KHz 1,2,3 03 250 265 KHz Output response to step transient load changes 7, 9, 10 VO TLOAD 50% load to/from 100% load 4,5,6 All -300 +300 mV pk No load to 100% load 4,5,6 All -800 -800 mV pk 100% load to no load 4,5,6 All +800 +800 mV pk Recovery time step transient load changes 1, 7 TT LOAD 50% load to/from 100% load 4,5,6 All 25 µs No load to 50% load 4,5,6 All 500 µs 50% load to no load 4,5,6 All 7 ms Input Voltage -0.5V to 50V Soldering Temperature 300°C for 10 seconds Case Temperature Operating -55°C to +125°C Storage -65°C to +135°C ABSOLUTE MAXIMUM RATINGS |