| Zakładka z wyszukiwarką danych komponentów |
|
TLC3544CPWRG4 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC3544CPWRG4 Arkusz danych(HTML) 8 Page - Texas Instruments |
|
8 / 40 page ![]() TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 general electrical characteristics over recommended operating free-air temperature range, single-ended input, normal long sampling, 200 KSPS, AVDD = 5 V, external reference (VREFP = 4V, VREFM = 0 V) or internal reference, SCLK frequency = 25 MHz, fixed channel at CONV mode 00, analog input signal source resistance = 25 Ω (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT DC Accuracy—Normal Short Sampling EL Integral linearity error See Note 3 ±0.8 LSB ED Differential linearity error ±0.6 LSB EO Zero offset error See Note 4 –3 ±0.6 3 LSB E(g+) Gain error See Note 4 0 5 12 LSB AC Accuracy—Normal Long Sampling SINAD Signal to noise ratio + distortion fi = 20 kHz 78.6 80.8 dB SINAD Signal-to-noise ratio + distortion fi = 100 kHz 77.6 dB THD Total harmonic distortion fi = 20 kHz –95 –90 dB THD Total harmonic distortion fi = 100 kHz –88 dB SFDR Spurious free dynamic range fi = 20 kHz 90 97 dB SFDR Spurious free dynamic range fi = 100 kHz 89 dB ENOB Effective number of bits fi = 20 kHz 12.8 13.1 Bits ENOB Effective number of bits fi = 100 kHz 12.6 Bits SNR Signal to noise ratio fi = 20 kHz 79 81 dB SNR Signal-to-noise ratio fi = 100 kHz 78 dB Channel-to-channel isolation (see Notes 2 and 5) Fixed channel in conversion mode 00, fi = 35 kHz 100 dB Analog input bandwidth Full power bandwidth, –1 dB 2 MHz Analog input bandwidth Full power bandwidth, –3 dB 2.5 MHz AC Accuracy—Normal Short Sampling SINAD Signal to noise ratio + distortion fi = 20 kHz 78.9 dB SINAD Signal-to-noise ratio + distortion fi = 100 kHz 77.6 dB THD Total harmonic distortion fi = 20 kHz –95 dB THD Total harmonic distortion fi = 100 kHz –88 dB SNR Signal to noise ratio fi = 20 kHz 79 dB SNR Signal-to-noise ratio fi = 100 kHz 78 dB ENOB Effective number of bits fi = 20 kHz 12.8 Bits ENOB Effective number of bits fi = 100 kHz 12.6 Bits SFDR Spurious free dynamic range fi = 20 kHz 97 dB SFDR Spurious free dynamic range fi = 100 kHz 89 dB Channel-to-channel isolation (see Notes 2 and 5) Fixed channel in conversion mode 00, fi = 35 kHz 100 dB Analog input bandwidth Full power bandwidth, –1 dB 2 MHz Analog input bandwidth Full power bandwidth, –3 dB 2.5 MHz † All typical values are at TA = 25°C. NOTES: 2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required to overcome the memory effect of the charge redistribution DAC (refer to Figure 8). 3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics. 4. Zero offset error is the difference between 0000000000000 and the converted output for zero input voltage; gain error is the difference between 11111111111111 and the converted output for full-scale input voltage. The full-scale input voltage is equal to the reference voltage being used. 5. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the converter samples different channels alternately (refer to Figure 8). |