Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BIBS7506 Arkusz danych(PDF) 2 Page - Hubbell Incorporated.

Numer części BIBS7506
Szczegółowy opis  MULTI-PORT Single-Sided Entry.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUBBELL [Hubbell Incorporated.]
Strona internetowa  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BIBS7506 Arkusz danych(HTML) 2 Page - Hubbell Incorporated.

  BIBS7506 Datasheet HTML 1Page - Hubbell Incorporated. BIBS7506 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Hex Key
3/8
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Number Of Ports
6
Physical Attribute - Number of Screws
6
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Temperature Rating
194
Trade Name
UNITAP™
UPC
781810233085
UPC 12 Digit
7818102330855
Dimensions
Dimension - Height inch
3.00 in
Dimension - L Length Overall mm
207 mm
Dimension - Length Overall inch
8.13 in
Dimension - Width inch
2.70 in
Dimension - Width mm
69 mm
Electrical Ratings
Operating Voltage
600 V
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size Range
2 - 750 Str
Conductor - Copper Str Size Range
2 - 750 Str
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Minimum Pack Quantity
5
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BIBS7506
by Burndy
Catalog ID: BIBS7506
Prop 65 Notice
MULTI-PORT Single-Sided Entry.



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com