| Zakładka z wyszukiwarką danych komponentów |
|
T1024 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
T1024 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
|
1 / 3 page ![]() TARGET APPLICATIONS Wired and wireless branch routers WLAN 11ac enterprise access points Service provider WLAN access points Unified threat management gateways Multifunction printers Router and switch controllers Line card controllers Industrial automation and computing, single board computers Aerospace and defense ruggedized network equipment The QorIQ T1024/23 communications processors combine single or dual 64-bit cores, built on Power Architecture® technology, with high-performance Data Path Acceleration Architecture (DPAA) and network peripheral bus interfaces required for networking and telecommunications applications. The T1024 and T1014 processors come in a full featured 23 x 23 mm package which provides scalable pin compatibility with the quad-core T1042 processor, and even the eight-core T2081 processor, for price and power scaling with a single system design. The T1023 and T1013 processors are interfaces and power-optimized SoCs designed to deliver impressive single- or dual-core performance for cost and power sensitive networking systems. Both versions offer an excellent software compatible 64-bit and I/O upgrade path for the popular QorIQ P10XX family of 32-bit communications processors. SOFTWARE AND TOOL SUPPORT With the help of our partner network, we deliver a wide range of tools, run-time software, reference solutions and services to accelerate your designs. CodeWarrior Development Studio for Power Architecture technology Proprietary QorIQ Linux® SDK VortiQa application software – VortiQa application identification software (AIS) – Enterprise software for networking – VortiQa open network switch software – VortiQa open network director software Next-generation system-on-chip (SoC) for low-cost enterprise and service provider edge and network control applications QorIQ T1024/14 and T1023/13 Communications Processors |
Podobny numer części - T1024 |
|
Podobny opis - T1024 |