Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C-UNO-2173A Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części C-UNO-2173A
Szczegółowy opis  High Performance ACP Thin Client
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

C-UNO-2173A Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  C-UNO-2173A Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
This is an official product of an Advantech Business Alliance Partner.
C-UNO-2173A/AF-ACP
High Performance
ACP Thin Client
I/O Interface
ƒ
ƒ
SerialƒPortsƒ
C-UNO-2173A-ACP: 2 x RS-232
C-UNO-2173AF-ACP: 2 x RS-232, 1 x RS-422/485
ƒ
ƒ
SerialƒPortƒSpeedƒ
50 ~ 115.2 kbps
ƒ
ƒ
LANƒ
2 x 10/100/1000 Base-T RJ-45 port (Built-in boot
ROM in flash BIOS) (One LAN port in C-UNO-2173A-
ACP)
ƒ
ƒ
USBƒPortsƒ
4 x USB 2.0 ( 2 ports on C-UNO-2173A-ACP only)
ƒ
ƒ
Audioƒ
5.1 channel HD audio (C-UNO-2173AF-ACP only)
Environment
ƒ
ƒ
Humidityƒ
95% @ 40° C (non-condensing)
ƒ
ƒ
OperatingƒTemperatureƒ IEC 60068-2-2 with 100% CPU/ I/O loading
ƒ
ƒ
ƒ
-20 ~ 70° C (-4 ~ 158° F)
ƒ
ƒ
IngressƒProtectionƒƒƒƒ
IP40
ƒ
ƒ
ShockƒProtectionƒ
IEC 68 2-27
CompactFlash: 50 G @ wall mount, half sine, 11 ms
HDD: 20 G @ wall mount, half sine, 11 ms
ƒ
ƒ
VibrationƒProtectionƒ
IEC 68 2-64 (Random 1 Oct./min, 1hr/axis.)
CompactFlash: 5 Grms @ 5 ~ 500 Hz,
HDD: 1 Grms @ 5 ~ 500 Hz
Ordering Information
ƒ
ƒ
C-UNO-2173A-ACPƒ
Atom 1.6 GHz Thin Client with LAN
ƒ
ƒ
C-UNO-2173AF-ACPƒ
Atom 1.6 GHz Thin Client with 2 x LAN
Accessories
ƒ
ƒ
PWR-247ƒƒƒƒ
Optional Power Supply
ƒ
ƒ
PWR-242-Aƒƒƒƒƒ
Optional Power Supply
ƒ Onboard Intel® Atom™ N270 1.6 GHz processor
ƒ 1 or 2 x 10/100/1000 Base-T RJ-45 port
ƒ 2 or 4 x USB 2.0 ports
ƒ Onboard system status LED indicators
ƒ Front-accessible CF slot
ƒ Supports Boot from LAN function
ƒ Fanless design with no internal cabling
ƒ Isolation between chassis and power ground
ƒ Supports wide operating temperatures from -20 ~ 70° C
ƒ IP40 ingress protection
Specifications
General
ƒ
ƒ
Certificationsƒ
Energy Star, CE, FCC class A, UL, CCC
ƒ
ƒ
Dimensionsƒ(WƒxƒDƒxƒH)ƒ255 x 152 x 59 mm (10" x 6.0" x 2.3")
ƒ
ƒ
Enclosureƒ
Aluminum +SECC
ƒ
ƒ
Mountingƒ
Wallmount, DIN-rail, VESA
ƒ
ƒ
IndustrialƒGroundingƒ
Isolation between chassis and power ground
ƒ
ƒ
PowerƒConsumptionƒ
15 W (Typical)
ƒ
ƒ
PowerƒRequirementsƒ 9 ~ 36 VDC (e.g +24 V @ 1.5 A) (Min. 36 W), ATX
ƒ
ƒ
Weightƒ
2.5 kg
ƒ
ƒ
SystemƒDesignƒƒ
Fanless design with no internal cabling
System Hardware
ƒ
ƒ
CPUƒ
Intel Atom 1.6 GHz (N270)
ƒ
ƒ
Memoryƒ
1 GB DDR2 SDRAM built-in
ƒ
ƒ
Indicatorsƒ
LEDs for Power, CF, LAN (Active, Status), Serial (Tx, Rx)
ƒ
ƒ
Keyboard/Mouseƒ
1 x PS/2
ƒ
ƒ
Displayƒ
DB15 VGA connector, 1920 x 1440
LVDS with backlight control (C-UNO-2173AF-ACP)
ƒ
ƒ
WatchdogƒTimerƒ
Programmable 256 levels timer interval, from 1 to 255
sec
Introduction
UNO-2173A and UNO-2173AF are Embedded Automation Computers equipped with Intel® Atom™ 1.6 GHz CPUs, Gigabit Ethernet ports, rich I/O. Both products have Energy Star
certification, IP40 anti-dust ingress protection and wide operating temperatures (-20 ~ 70° C), providing high performance and high versatility with low power consumption. The
UNO-2173A and UNO-2173AF are economic new computing platforms for manufacturing executing systems, facility automation, in-vehicle, and industrial thin client applications.
NEW


Podobny numer części - C-UNO-2173A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
C-U-128-10 MOLEX4-C-U-128-10 Datasheet
72Kb / 2P
Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire
C-U-128-10T MOLEX4-C-U-128-10T Datasheet
72Kb / 2P
Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10,Mylar Tape Carrier
More results

Podobny opis - C-UNO-2173A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
logo
OmniVision Technologies...
OV7739 OMNIVISION-OV7739 Datasheet
321Kb / 2P
Ultra-Thin High-Performance Video Sensor
logo
Advantech Co., Ltd.
TPC-651T-E3AE ADVANTECH-TPC-651T-E3AE Datasheet
560Kb / 2P
5.7"/6.5" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1251T-E3AE ADVANTECH-TPC-1251T-E3AE Datasheet
564Kb / 2P
12.1" TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1551T-E3AE ADVANTECH-TPC-1551T-E3AE Datasheet
603Kb / 2P
15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1751T-E3AE ADVANTECH-TPC-1751T-E3AE Datasheet
587Kb / 2P
17" TFT LED LCD Intel짰 Atom??Thin Client Terminals
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
CLIENT MOBILE & MOBILE THIN HDD
MQ01ACFXXX TOSHIBA-MQ01ACFXXX Datasheet
586Kb / 2P
CLIENT MOBILE THIN HDD
Rev. 00
logo
Advantech Co., Ltd.
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
Modular Industrial Thin-Client Panel Computer
5-Jan-2021
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com