| Zakładka z wyszukiwarką danych komponentów |
|
MAS2901CS Arkusz danych(PDF) 12 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MAS2901CS Arkusz danych(HTML) 12 Page - Zarlink Semiconductor Inc |
|
12 / 13 page ![]() MA2901 11 RADIATION TOLERANCE Total Dose Radiation Testing For product procured to guaranteed total dose radiation levels, each wafer lot will be approved when all sample devices from each lot pass the total dose radiation test. The sample devices will be subjected to the total dose radiation level (Cobalt-60 Source), defined by the ordering code, and must continue to meet the electrical parameters specified in the data sheet. Electrical tests, pre and post irradiation, will be read and recorded. GEC Plessey Semiconductors can provide radiation testing compliant with Mil-Std-883 method 1019 Ionizing Radiation (total dose) test. ORDERING INFORMATION For details of reliability, QA/QC, test and assembly options, see ‘Manufacturing Capability and Quality Assurance Standards’ Section 9. Unique Circuit Designator S R Q Radiation Hard Processing 100 kRads (Si) Guaranteed 300 kRads (Si) Guaranteed Radiation Tolerance C F Ceramic DIL (Solder Seal) Flatpack (Solder Seal) Package Type QA/QCI Process (See Section 9 Part 4) Test Process (See Section 9 Part 3) Assembly Process (See Section 9 Part 2) L C D E B S Rel 0 Rel 1 Rel 2 Rel 3/4/5/STACK Class B Class S Reliability Level MAx2901xxxxx Total Dose (Function to specification)* 3x105 Rad(Si) Transient Upset (Stored data loss) 5x1010 Rad(Si)/sec Transient Upset (Survivability) >1x1012 Rad(Si)/sec Neutron Hardness (Function to specification) >1x1015 n/cm2 Single Event Upset** 1x10-10 Errors/bit day Latch Up Not possible * Other total dose radiation levels available on request ** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit Figure 17: Radiation Hardness Parameters |