Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

163369 Arkusz danych(PDF) 1 Page - Festo Corporation.

Numer części 163369
Szczegółowy opis  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FESTO [Festo Corporation.]
Strona internetowa  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

163369 Arkusz danych(HTML) 1 Page - Festo Corporation.

  163369 Datasheet HTML 1Page - Festo Corporation. 163369 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DNC-50-25-PPV-A
Part number: 163369
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
25 mm
Piston diameter
50 mm
Piston rod thread
M16x1.5
Type code
DNC
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Conforms to standard
ISO 15552
Piston rod end
External thread
Design
Profile barrel
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991235
Variants
Piston rod at one end
Operating pressure
0.6 bar ... 12 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.2 J
Cushioning length
22 mm
Theoretical force at 6 bar, retracting
990 N
Theoretical force at 6 bar, advancing
1178 N
Moving mass at 0 mm stroke
538 g
Additional weight per 10 mm stroke
64 g
Basic weight with 0 mm stroke
1260 g
Additional moving mass per 10 mm stroke
25 g
Type of mounting
With accessories
With internal thread
Pneumatic connection
G1/4
Note on materials
RoHS-compliant
Cover material
Die-cast aluminum
Coated
Seals material
TPE-U(PU)
Piston rod material
High-alloy steel
6/2/20 - Subject to change - Festo AG & Co. KG
1/2


Podobny numer części - 163369

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weidmuller
1633690000 WEIDMULLER-1633690000 Datasheet
361Kb / 4P
SLD 3.50/26/90G 3.2SN OR BX
More results

Podobny opis - 163369

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com