Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASD12 Arkusz danych(PDF) 2 Page - Applied Power Microelectronics Co.,Ltd.

Numer części ASD12
Szczegółowy opis  1-Line Uni-directional TVS Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Strona internetowa  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASD12 Arkusz danych(HTML) 2 Page - Applied Power Microelectronics Co.,Ltd.

  ASD12 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 7Page - Applied Power Microelectronics Co.,Ltd. ASD12 Datasheet HTML 8Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision 12/2017
2 of 8
www.appliedpowermicro.com
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
500
W
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
ASD33 through ASD40
ASD33
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
3.3
V
Breakdown Voltage
VBR
3.8
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 3.3V
Forward Voltage
VF
0.8
1.2
V
IF = 10mA
Clamping Voltage
VC
5
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
12.5
V
IPP = 40A (8 x 20µs pulse)
Peak Pulse Current
Ipp
40
A
tp = 8/20μs
Junction Capacitance
CJ
400
pF
VR = 0V, f = 1MHz



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com