Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTT6200-4ESA Arkusz danych(PDF) 21 Page - Infineon Technologies AG

Numer części BTT6200-4ESA
Szczegółowy opis  PROFET?? 24V
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-4ESA Arkusz danych(HTML) 21 Page - Infineon Technologies AG

Back Button BTT6200-4ESA Datasheet HTML 17Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 18Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 19Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 20Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 21Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 22Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 23Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 24Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
undervoltage behavior.vsd
VOUT
VS(OP)
VS(UV)
VS
Figure 16
Undervoltage behavior
6.3
Overvoltage protection
There is an integrated clamp mechanism for overvoltage protection (ZD(AZ)). To guarantee this mechanism
operates properly in the application, the current in the Zener diode has to be limited by a ground resistor.
Figure 17 shows a typical application to withstand overvoltage issues. In case of supply voltage higher than
VS(AZ), the power transistor switches ON and in addition the voltage across the logic section is clamped. As a
result, the internal ground potential rises to VS - VS(AZ). Due to the ESD Zener diodes, the potential at pin INx,
DSELx, and DEN rises almost to that potential, depending on the impedance of the connected circuitry. In the
case the device was ON, prior to overvoltage, the BTT6200-4ESA remains ON. In the case the BTT6200-4ESA was
OFF, prior to overvoltage, the power transistor can be activated. In the case the supply voltage is in above
VBAT(SC) and below VDS(AZ), the output transistor is still operational and follows the input. If at least one channel
is in the ON state, parameters are no longer guaranteed and lifetime is reduced compared to the nominal supply
voltage range. This especially impacts the short circuit robustness, as well as the maximum energy EAS
capability. ZGND is recommended to be a resistor in series to a diode.
PROFET™+ 24V
BTT6200-4ESA
Protection functions
Datasheet
21
Rev. 1.00
2019-03-09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com