| Zakładka z wyszukiwarką danych komponentów |
|
XRT7250 Arkusz danych(PDF) 44 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Arkusz danych(HTML) 44 Page - Exar Corporation |
|
44 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 25 1.0 TIMING DIAGRAMS FIGURE 1. TIMING DIAGRAM FOR TRANSMIT PAYLOAD INPUT INTERFACE, WHEN THE XRT7250 DEVICE IS OPERAT- ING IN BOTH THE DS3 AND LOOP-TIMING MODES XRT7250 Transmit Payload Data I/F Signals RxOutClk TxSer TxFrame TxOH_Ind Payload[4702] Payload[4703] X-Bit Payload[0] DS3 Frame Number N DS3 Frame Number N + 1 t1 t2 t3 t4 FIGURE 2. TIMING DIAGRAM FOR THE TRANSMIT PAYLOAD INPUT INTERFACE, WHEN THE XRT7250 DEVICE IS OPER- ATING IN BOTH THE DS3 AND LOCAL-TIMING MODES XRT7250 Transmit Payload Data I/F Signals TxInClk TxSer TxFrameRef TxOH_Ind Payload[4702] Payload[4703] X-Bit Payload[1] DS3 Frame Number N DS3 Frame Number N + 1 t5 t6 t7 t8 t9 t10 |