| Zakładka z wyszukiwarką danych komponentów |
|
MTY2-243 Arkusz danych(PDF) 7 Page - Mini-Circuits |
|
|
|||||||||||||||||||||||||||||
MTY2-243 Arkusz danych(HTML) 7 Page - Mini-Circuits |
|
7 / 13 page ![]() 98-MC Rev.: H (03/05/18) M165325 File: 98-MC.docx Sheet 2 of 5 This document and its contents are the property of Mini-Circuits PCB Land Pattern CASE #. A B C D E F G H J K L M N P MC1630-1 .079 (2.00) .079 (2.00) .039 (1.00) .047 (1.20) .024 (.60) .010 (.25) .014 (.35) .026 (.65) .008 (.20) .002 (.05) .106 (2.70) .049 (1.25) .026 (.65) .031 (.80) CASE #. Q R WT, GRAM MC1630-1 .012 (.30) .012 (.30) .006 Dimensions are in inches (mm). Tolerances: 2 Pl. + .01; 3 Pl. + .005 Notes: 1. Case material: Plastic. 2. Termination finish: For RoHS Case Styles: Tin-Silver over Nickel plated or Matte-Tin plated (See Data sheet). All models, (+) suffix. 3. Lead #1 identifier shall be located in the cross-hatched area shown. Identifier may be either a molded or marked feature. Outline Dimensions MC1630-1 Suggested Layout, Tolerance to be within ±.002 |