| Zakładka z wyszukiwarką danych komponentów |
|
TLE2071ACPE4 Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2071ACPE4 Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2071I electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2071I TLE2071AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 0.49 4 0.47 2 mV VIO Input offset voltage VIC = 0, VO = 0, R = 50 Full range 7.6 5.6 mV αVIO Temperature coefficient of input offset voltage VIC = 0, VO = 0, RS = 50 Ω, Full range 3.2 29 3.2 29 µV/°C IIO Input offset current 25 °C 6 100 6 100 pA IIO Input offset current VIC = 0, VO = 0, Full range 5 5 nA IIB Input bias current VIC = 0, VO = 0, See Figure 4 25 °C 20 175 20 175 pA IIB Input bias current See Figure 4 Full range 10 10 nA 15 15 15 15 25 °C 15 to 15 to 15 to 15 to VICR Common-mode input RS = 50 Ω 25 C to −11 to −11.9 to −11 to −11.9 V VICR Common-mode input voltage range RS = 50 Ω 15 15 V voltage range Full range 15 to 15 to Full range to − 10.8 to − 10.8 IO = − 200 A 25 °C 13.8 14.1 13.8 14.1 IO = − 200 µA Full range 13.7 13.7 VOM + Maximum positive peak IO = − 2 mA 25 °C 13.5 13.9 13.5 13.9 V VOM + Maximum positive peak output voltage swing IO = − 2 mA Full range 13.4 13.4 V output voltage swing IO = − 20 mA 25 °C 11.5 12.3 11.5 12.3 IO = − 20 mA Full range 11.5 11.5 IO = 200 A 25 °C − 13.8 − 14.2 − 13.8 − 14.2 IO = 200 µA Full range − 13.7 − 13.7 VOM − Maximum negative peak IO = 2 mA 25 °C − 13.5 −14 −13.5 −14 V VOM − Maximum negative peak output voltage swing IO = 2 mA Full range − 13.4 − 13.4 V output voltage swing IO = 20 mA 25 °C − 11.5 − 12.4 − 11.5 − 12.4 IO = 20 mA Full range − 11.5 − 11.5 RL = 600 Ω 25 °C 80 96 80 96 RL = 600 Ω Full range 79 79 AVD Large-signal differential VO = ± 10 V RL = 2 kΩ 25 °C 90 109 90 109 dB AVD Large-signal differential voltage amplification VO = ± 10 V RL = 2 kΩ Full range 89 89 dB voltage amplification RL = 10 kΩ 25 °C 95 118 95 118 RL = 10 kΩ Full range 94 94 ri Input resistance VIC = 0 25 °C 1012 1012 Ω ci Input capacitance VIC = 0, See Figure 5 Common mode 25 °C 7.5 7.5 pF ci Input capacitance IC See Figure 5 Differential 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 80 80 Ω CMRR Common-mode VIC = VICRmin, VO = 0, 25 °C 80 98 80 98 dB CMRR Common-mode rejection ratio IC ICR VO = 0, RS = 50 Ω Full range 79 79 dB kSVR Supply-voltage rejection VCC ± = ±5 V to ±15 V, 25 °C 82 99 82 99 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC ± = ±5 V to ±15 V, VO = 0, RS = 50 Ω Full range 80 80 dB † Full range is − 40°C to 85°C. |