| Zakładka z wyszukiwarką danych komponentów |
|
TS29102CS5.0 Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TS29102CS5.0 Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 8 page ![]() TS29100/1/2 2-2 2003/12 rev. A Electrical Characteristics Vin = Vout + 1V, Venable= 2.4V, IL = 10mA, Co = 10uF, Adjustable versions are programmed to 5V output, Ta = 25 oC unless otherwise specified. Parameter Conditions Min Typ Max Unit Output Voltage 0.990|Vo| 1.010|Vo| Output Voltage 10mA ≤ IL ≤ 1.0A, Vo+1V ≤ Vin ≤ 26V 0.980|Vo| 12 / 5.0 3.3/ 2.5 1.020|Vo| V Input Supply Voltage -- -- 26 V Output Voltage Temperature Coefficient -- 20 100 ppm/ oC Line Regulation Vo+1V ≤ Vin ≤ 26V -- 0.05 0.5 % Load Regulation 10mA ≤ IL ≤ 1.0A -- 0.2 1.0 % Dropout Voltage (Note 4) IL=100mA IL=500mA IL=1.0A -- -- -- 100 200 400 200 600 mV Quiescent Current (Note 5) IL=500mA IL=1.0A -- -- 4 10 -- 20 mA Short Circuit Current (Note 6) Vout=0 -- 2.0 -- A Output Noise, 10Hz to 100KHz, IL=100mA CL=2.2uF CL=10uF CL=33uF -- -- -- 600 400 260 -- -- -- uVrms Reference (TS29102CS) Reference Voltage 0.980|Vo| 1.020|Vo| Reference Voltage 10mA ≤ IL ≤ 1.5A, 2.3V ≤ Vin ≤ 26V 0.970|Vo| 1.24 1.030|Vo| V Adjust Pin Bias Current -- 40 80 nA Reference Voltage Temperature Coefficient (Note 7) -- 20 -- ppm/ oC Adjust Pin Bias Current Temperature Coefficient -- 0.1 -- nA/ oC Flag Output (TS29101CS) Output Leakage Current VOH=26V -- -- 2 uA Output Low Voltage Vin=4.5V, IOL=250uA -- -- 300 mV Upper Threshold Voltage (Note 8) 40 60 -- mV Lower Threshold Voltage (Note 8) -- 75 95 mV Hysteresis (Note 8) -- 15 -- mV Enable Input (TS29101 / TS29102) Low (OFF) -- -- 0.8 Input Logic Voltage High (ON) 2.4 -- -- V Ven=26V -- -- 750 Enable Pin Input Current Ven=0.8V -- -- 5 uA Regulator Output Current Shutdown Ven ≤ 0.8V, Vin ≤ 26V, Vout=0 -- 10 500 uA |