Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA13628 Arkusz danych(PDF) 10 Page - Ledil, Inc.

Numer części CA13628
Szczegółowy opis  ~8째 spot beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13628 Arkusz danych(HTML) 10 Page - Ledil, Inc.

Back Button CA13628 Datasheet HTML 3Page - Ledil, Inc. CA13628 Datasheet HTML 4Page - Ledil, Inc. CA13628 Datasheet HTML 5Page - Ledil, Inc. CA13628 Datasheet HTML 6Page - Ledil, Inc. CA13628 Datasheet HTML 7Page - Ledil, Inc. CA13628 Datasheet HTML 8Page - Ledil, Inc. CA13628 Datasheet HTML 9Page - Ledil, Inc. CA13628 Datasheet HTML 10Page - Ledil, Inc. CA13628 Datasheet HTML 11Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRODUCT
DATASHEET
CA13628_G2-LAURA-RS-P
PHOTOMETRIC DATA (SIMULATED):
LED
OSLON SSL 80
FWHM
8.0°
Efficiency
95 %
Peak intensity
34.3 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
SFH 4770S
FWHM
10.0°
Efficiency
94 %
LEDs/each optic
1
Light colour
White
Required components:
LED
LH351Z
FWHM
10.0°
Efficiency
93 %
Peak intensity
25 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
Last update: 20/03/2019
Subject to change without prior notice
Published: 11/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com