Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C12476 Arkusz danych(PDF) 3 Page - Ledil, Inc.

Numer części C12476
Szczegółowy opis  ~15째 spot beam
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12476 Arkusz danych(HTML) 3 Page - Ledil, Inc.

  C12476 Datasheet HTML 1Page - Ledil, Inc. C12476 Datasheet HTML 2Page - Ledil, Inc. C12476 Datasheet HTML 3Page - Ledil, Inc. C12476 Datasheet HTML 4Page - Ledil, Inc. C12476 Datasheet HTML 5Page - Ledil, Inc. C12476 Datasheet HTML 6Page - Ledil, Inc. C12476 Datasheet HTML 7Page - Ledil, Inc. C12476 Datasheet HTML 8Page - Ledil, Inc. C12476 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PRODUCT
DATASHEET
C12476_MIRELLA-50-S
PHOTOMETRIC DATA (MEASURED):
LED
BXRA LS
FWHM
13.0°
Efficiency
89 %
Peak intensity
8.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
BXRA LS
FWHM
18.0°
Efficiency
83 %
Peak intensity
4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
LED
BXRA LS
FWHM
14.0°
Efficiency
84 %
Peak intensity
6.7 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13333_MIRELLA-CL
LED
CLL01x
FWHM
17.0°
Efficiency
84 %
Peak intensity
5.5 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13333_MIRELLA-CL
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com