Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C16041 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C16041
Szczegółowy opis  ~60째 medium beam for industrial applications.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16041 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C16041 Datasheet HTML 1Page - Ledil, Inc. C16041 Datasheet HTML 2Page - Ledil, Inc. C16041 Datasheet HTML 3Page - Ledil, Inc. C16041 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16041_STRADELLA-8-HB-M-PC
STRADELLA-8-HB-M-PC
~60° medium beam for industrial applications.
Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
49.5 mm
Height
5.7 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADELLA-8-HB-M-PC
Multi-lens
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C16041_STRADELLA-8-HB-M-PC
» Box size: 476 x 273 x 292 mm
800
160
160
4.5
Last update: 26/02/2020
Subject to change without prior notice
Published: 24/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Podobny numer części - C16041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Cable Technolog...
C1604 GENERAL-C1604 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Ledil, Inc.
C16040 LEDIL-C16040 Datasheet
2Mb / 5P
~25째 spot beam for industrial applications
C16043 LEDIL-C16043 Datasheet
1Mb / 5P
Type II/III (long) beam for very wide pole to pole distances.
C16044 LEDIL-C16044 Datasheet
1Mb / 5P
~20째 115째 oval beam for aisle lighting
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results

Podobny opis - C16041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
FN14828 LEDIL-FN14828 Datasheet
7Mb / 11P
~60째 medium beam
C15184 LEDIL-C15184 Datasheet
5Mb / 8P
~60째 medium beam for industrial applications
C15246 LEDIL-C15246 Datasheet
3Mb / 6P
~60째 medium beam for industrial applications
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
C15984 LEDIL-C15984 Datasheet
3Mb / 6P
~65째 medium beam for industrial applications.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
~60째 medium beam for industrial applications. Variant made from PC.
C16597 LEDIL-C16597 Datasheet
7Mb / 6P
~60째 medium beam for industrial applications
C16799 LEDIL-C16799 Datasheet
3Mb / 6P
~90째 medium beam for industrial applications.
C16800 LEDIL-C16800 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications
F14468 LEDIL-F14468 Datasheet
6Mb / 11P
~60째 110째 medium beam
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com