Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA14601 Arkusz danych(PDF) 6 Page - Ledil, Inc.

Numer części CA14601
Szczegółowy opis  ~17째 spot beam
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14601 Arkusz danych(HTML) 6 Page - Ledil, Inc.

Back Button CA14601 Datasheet HTML 2Page - Ledil, Inc. CA14601 Datasheet HTML 3Page - Ledil, Inc. CA14601 Datasheet HTML 4Page - Ledil, Inc. CA14601 Datasheet HTML 5Page - Ledil, Inc. CA14601 Datasheet HTML 6Page - Ledil, Inc. CA14601 Datasheet HTML 7Page - Ledil, Inc. CA14601 Datasheet HTML 8Page - Ledil, Inc. CA14601 Datasheet HTML 9Page - Ledil, Inc. CA14601 Datasheet HTML 10Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PRODUCT
DATASHEET
CA14601_VERONICA-SQ-MINI-RS
PHOTOMETRIC DATA (MEASURED):
LED
Z8Y22P
FWHM
21.0°
Efficiency
92 %
Peak intensity
3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 26/02/2020
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com