| Zakładka z wyszukiwarką danych komponentów |
|
PJM138NSA Arkusz danych(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
|
|||||||||||||||||||||||||||||
PJM138NSA Arkusz danych(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
1 / 6 page ![]() 1 / 6 www.pingjingsemi.com Revision:2.0 Jan-2019 Features Low gate charge and RDS(ON) Rugged and relaible Application Direct logic-level interface: TTL/CMOS Drivers: relays, solenoids, lamps, hammers, Display, memories, transistors, etc. Battery operated systems Solid-state relays SOT-23 Absolute Maximum Ratings (TA=25℃unless otherwise specified) Schematic diagram 1. Gate 2.Source 3.Drain Marking: S3 Parameter Symbol Limit Unit Drain-Source Voltage VDS 50 V Gate-Source Voltage VGS ±20 V Drain Current-Continuous ID 0.22 A Maximum Power Dissipation PD 0.35 W Operating Junction and Storage Temperature Range TJ,TSTG -55 To 150 ℃ Thermal Resistance,Junction-to-Ambient RθJA 357 ℃ / W Thermal Characteristics PJM138NSA N- Enhancement Mode Field Effect Transistor 3.Drain 2.Source 1.Gate |
Podobny numer części - PJM138NSA |
|
Podobny opis - PJM138NSA |