| Zakładka z wyszukiwarką danych komponentów |
|
E5CS-RGU-W Arkusz danych(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CS-RGU-W Arkusz danych(HTML) 5 Page - Omron Electronics LLC |
|
5 / 10 page ![]() E5CS 5 ■ Temperature Range Thermocouple Input Models Platinum Resistance Thermometer Input Models Thermistor Input Models (For details on Sensors, refer to E52.) Universal-input (Thermocouple/Platinum Resistance Thermometer) Models • Using Thermocouple Sensors, Control Mode Switch 5: OFF • Using Platinum Resistance Thermometers, Control Mode Switch 5: ON Input K J/L Temperature range (selected using switch) 1,000 900 800 700 600 500 400 300 200 100 0 999 600 500 500 400 400 300 300 (Default setting: 2) 200 200 00 00 000 00 0 Setting number 01 234 56 78 9 Minimum setting unit 1 °C1°C Temperature range (selected using switch) Input JPt100/Pt100 500 400 300 200 100 0 −100 400 400 300 300 200 199.9 50 50.0 80 99.9 (Default setting: 3) 0.0 0.0 000 00 0.0 −50 −20 Setting number 01 2 34 56 78 9 Minimum setting unit 1 °C0.1°C1°C0.1°C1°C0.1°C Input G Temperature range (selected using switch) 6 k Ω (0 °C) 6 k Ω (0 °C) 30 k Ω (0 °C) 550 Ω (200 °C) 4 k Ω (200 °C) 6 k Ω (0 °C) 6 k Ω (0 °C) 30 k Ω (0 °C) 550 Ω (200 °C) 4 k Ω (200 °C) 500 400 300 200 100 0 −100 300 300 150 200 150 200 50 100 50 100 100 150 100 150 (Default setting: 1) 050 050 −50 −50 Setting number 0 1 234 56 78 9 Minimum setting unit 1 °C Input K J L T UNR 1,700 1,600 1,500 1,400 1,300 1,200 1,100 1,000 900 800 700 600 500 400 300 200 100 0 −100 1,700 Temperature range (selected using switch) 1,300 1,300 850 850 (Default setting: 0) 400 400 199.9 199.9 199.9 0.0 0.0 0.0 0 −99 −99 −99 −99 −99 −99 Setting number 01 234 56 78 9 Minimum setting unit 1 °C0.1°C1°C0.1°C1°C0.1°C1°C Input Pt100 JPt100 Temperature range (selected using switch) 1,000 900 800 700 600 500 400 300 200 100 0 −100 850 500 400 400 (Default setting: 0) 199.9 200 199.9 200 99 99 0.00 00.00 0 −99 −99 −99 −99 Setting number 01 234 56 78 9 Minimum setting unit 1 °C0.1°C1°C0.1°C1°C The shaded value indicates the default setting status. 0 1 9 The shaded value indicates the default setting status. 0 1 9 The shaded value indicates the default setting status. 0 1 9 The shaded value indicates the default setting status. 0 1 9 The shaded value indicates the default setting status. 0 1 9 |