Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PWD13F60 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części PWD13F60
Szczegółowy opis  High-density power driver -high voltage full bridge with integrated gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD13F60 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button PWD13F60 Datasheet HTML 18Page - STMicroelectronics PWD13F60 Datasheet HTML 19Page - STMicroelectronics PWD13F60 Datasheet HTML 20Page - STMicroelectronics PWD13F60 Datasheet HTML 21Page - STMicroelectronics PWD13F60 Datasheet HTML 22Page - STMicroelectronics PWD13F60 Datasheet HTML 23Page - STMicroelectronics PWD13F60 Datasheet HTML 24Page - STMicroelectronics PWD13F60 Datasheet HTML 25Page - STMicroelectronics PWD13F60 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID030865 Rev 2
23/26
PWD13F60
Suggested footprint
26
9
Suggested footprint
The PWD13F60 footprint for the PCB layout is usually defined based on several design
factors as assembly plant technology capabilities and board component density. For easy
device usage and evaluation, ST provides the following footprint design, which is suitable
for the largest variety of PCBs.
The following footprint indicates the copper area which should be free from the solder mask,
while the copper area shall extend beyond the indicated areas especially for the EPAD1,
EPAD2, EPAD5. To aid thermal dissipation, it is recommended to add thermal vias under
these EPADs to transfer and dissipate device heat to the other PCB copper layers. A PCB
layout example is available with the PWD13F60 evaluation board.
As for the package outline, also the suggested footprint CAD file is available upon request.
Figure 19. Suggested footprint (top view drawing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26