| Zakładka z wyszukiwarką danych komponentów |
|
VS-AVT-RKBB4 Arkusz danych(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
VS-AVT-RKBB4 Arkusz danych(HTML) 1 Page - PANDUIT CORP. |
|
1 / 8 page ![]() Key Features Benefits Improved Safety & Risk Reduction Determine voltage status BEFORE equipment is accessed Prevents direct exposure to electrical hazards Increased Productivity Easy to use, initiate test with the push of a button No additional tools required Provides visual alert to abnormal power conditions Simplified Process for Easier Compliance Test sequence based on the steps in NFPA 70E for verification of an electrically safe work condition Automated test helps reduce operator errors Reliable Results Fail-safe design with active indications Safety functions meet SIL 3 per IEC 61508-1 Flexible Applications Designed for testing three-phase circuits up to 600V Install on line or load side of electrical disconnect Detects absence of AC and DC voltage When servicing electrical equipment, workers must comply with safety regulations that require a voltage verification test to validate the absence of voltage. This process includes a number of stages that can be complex and time-consuming when using hand-held portable test instruments. The patent-pending VeriSafe™ Absence of Voltage Tester from Panduit simplifies this process by automating the voltage verification process. Once installed, a simple push of a button enables qualified electrical workers to verify the absence of voltage and see an active indication when the absence of voltage is confirmed. This provides a new and innovative way to safely, reliably, and efficiently verify the absence of voltage before accessing potentially dangerous electrical equipment. By automating this process, the VeriSafe™ Absence of Voltage Tester • Reduces the risk of exposure of electrical hazards for improved worker safety • Reduces testing procedure time and complexity to improve productivity • Supports compliance when used as part of the lockout/tagout process described in NFPA 70E * The VeriSafe™ Absence of Voltage Tester minimizes risk by verifying the absence of voltage before equipment is accessed, making it easier for qualified electrical workers to determine an electrically safe environment in a fraction of the time compared to hand-held portable test instruments. VeriSafe™ Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage. Product Bulletin *The VeriSafe Absence of Voltage Tester satisfies the requirements for permanently mounted test devices described in NFPA 70E-2018 120.5 (7) Exception 1 when it is installed in accordance with the ratings and instructions in the VeriSafe AVT Installation Manual. |
Podobny numer części - VS-AVT-RKBB4 |
|
Podobny opis - VS-AVT-RKBB4 |