Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F16317 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części F16317
Szczegółowy opis  Dimensions 40.0 x 44.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16317 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  F16317 Datasheet HTML 1Page - Ledil, Inc. F16317 Datasheet HTML 2Page - Ledil, Inc. F16317 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
F16317_LINNEA-O-END-B-FL
LINNEA-O-END-B-FL
TECHNICAL SPECIFICATIONS:
Dimensions
40.0 x 44.0 mm
Height
10.5 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LINNEA-O-END-B-FL
Accessory
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F16317_LINNEA-O-END-B-FL
» Box size: 398 x 298 x 265 mm
918
54
54
8.8
Last update: 14/06/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Podobny numer części - F16317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
F16314 LEDIL-F16314 Datasheet
3Mb / 3P
Dimensions 40.0 x 44.0 mm
F16315 LEDIL-F16315 Datasheet
3Mb / 3P
Dimensions 40.0 x 44.0 mm
F16316 LEDIL-F16316 Datasheet
3Mb / 3P
Dimensions 40.0 x 44.0 mm
More results

Podobny opis - F16317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
MTBL2237-G MARKTECH-MTBL2237-G Datasheet
194Kb / 1P
Marktech Side View COB 40.0 x 17.6mm Backlighter
logo
Integrated Circuit Syst...
SF0044BA01931S ICST-SF0044BA01931S Datasheet
197Kb / 2P
44.0 MHz Filter for Broadband Access Applications
Rev 1.1
logo
E-SWITCH
R072023 E-SWITCH-R072023 Datasheet
20Kb / 1P
All Dimensions In MM
R072025 E-SWITCH-R072025 Datasheet
20Kb / 1P
All Dimensions In MM
logo
Knowles Electronics
2403-260-00086 KNOWLES-2403-260-00086 Datasheet
438Kb / 20P
Industry-leading dimensions: 9 x 16 x 3.0 mm
logo
Ledil, Inc.
F16314 LEDIL-F16314 Datasheet
3Mb / 3P
Dimensions 40.0 x 44.0 mm
F16315 LEDIL-F16315 Datasheet
3Mb / 3P
Dimensions 40.0 x 44.0 mm
F16316 LEDIL-F16316 Datasheet
3Mb / 3P
Dimensions 40.0 x 44.0 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TW0106A TAI-SAW-TW0106A Datasheet
207Kb / 5P
SMD Clock Oscillator 44.0 MHz
REV. NO.: 2
TW0116A TAI-SAW-TW0116A Datasheet
208Kb / 5P
SMD Clock Oscillator 44.0 MHz
REV. NO.: 2
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com